Electronic Components Datasheet Search
  English  ▼

X  

2SC6084 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SC6084
Description  NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6084 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SC6084 Datasheet HTML 1Page - Sanyo Semicon Device 2SC6084 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6084 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6084 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC6084
No. A0630-1/4
Features
•
High speed.
•
High breakdown voltage (VCBO=1500V).
•
High reliability (Adoption of HVP process).
•
Adoption of MBIT process.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
1500
V
Collector-to-Emitter Voltage
VCEO
800
V
Emitter-to-Base Voltage
VEBO
5V
Collector Current
IC
5A
Collector Current (Pulse)
ICP
12
A
Collector Dissipation
PC
1.75
W
Tc=25°C50
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Collector Cutoff Current
ICBO
VCB=800V, IE=0A
10
µA
Collector Cutoff Current
ICES
VCE=1500V, RBE=0Ω
1.0
mA
Collector Sustain Voltage
VCEO(sus)
IC=100mA, IB=0A
800
V
Emitter Cutoff Current
IEBO
VEB=4V, IC=0A
1.0
mA
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=2.7A, IB=0.54A
3
V
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=2.7A, IB=0.54A
1.5
V
DC Current Gain
hFE1VCE=5V, IC=0.5A
10
hFE2VCE=5V, IC=3A
5
7
Fall Time
tf
IC=1.8A, IB1=0.36A, IB2=--0.72A
0.2
µs
Ordering number : ENA0630
D1306KC TI IM TB-00002398
SANYO Semiconductors
DATA SHEET
2SC6084
NPN Triple Diffused Planar Silicon Transistor
Switching Regulator Applications
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before using any SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.


Similar Part No. - 2SC6084

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC6084 ISC-2SC6084 Datasheet
347Kb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SC6084

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC6065 SANYO-2SC6065 Datasheet
42Kb / 4P
NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
2SC5947 SANYO-2SC5947 Datasheet
36Kb / 4P
NPN Triple Diffused Planar Silicon Transistor - Switching Regulator Applications
2SC4460M-SV SANYO-2SC4460M-SV Datasheet
56Kb / 4P
NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
2SC5957M SANYO-2SC5957M Datasheet
37Kb / 4P
NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
2SC6083 SANYO-2SC6083 Datasheet
53Kb / 4P
NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
2SC6083A SANYO-2SC6083A Datasheet
53Kb / 4P
NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
2SC6106 SANYO-2SC6106 Datasheet
49Kb / 4P
NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
CPH3249A SANYO-CPH3249A Datasheet
54Kb / 4P
NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
2SC6112 SANYO-2SC6112 Datasheet
56Kb / 4P
NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
SPA13003 SANYO-SPA13003 Datasheet
283Kb / 4P
NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com