Electronic Components Datasheet Search
  English  ▼

X  

LM358D Datasheet(PDF) 11 Page - ON Semiconductor

Part # LM358D
Description  Single Supply Dual Operational Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM358D Datasheet(HTML) 11 Page - ON Semiconductor

Back Button LM358D Datasheet HTML 6Page - ON Semiconductor LM358D Datasheet HTML 7Page - ON Semiconductor LM358D Datasheet HTML 8Page - ON Semiconductor LM358D Datasheet HTML 9Page - ON Semiconductor LM358D Datasheet HTML 10Page - ON Semiconductor LM358D Datasheet HTML 11Page - ON Semiconductor LM358D Datasheet HTML 12Page - ON Semiconductor LM358D Datasheet HTML 13Page - ON Semiconductor LM358D Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LM358, LM258, LM2904, LM2904A, LM2904V, NCV2904
http://onsemi.com
11
PDIP−8
N SUFFIX
CASE 626
SOIC−8
D SUFFIX
CASE 751
MARKING DIAGRAMS
x
= 2 or 3
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
PDIP−8
AN SUFFIX
CASE 626
SOIC−8
VD SUFFIX
CASE 751
PDIP−8
VN SUFFIX
CASE 626
1
8
LMx58N
AWL
YYWW
1
8
LM2904AN
AWL
YYWW
1
8
LM2904N
AWL
YYWW
1
8
LM2904VN
AWL
YYWW
ALYW
LMx58
1
8
ALYW
2904
1
8
ALYW
2904V
1
8
Micro8
DMR2 SUFFIX
CASE 846A
x58
AYW
1
8
2904
AYW
1
8
904A
AYW
1
8
904V
AYW
1
8
*This diagram also applies to NCV2904
*
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com