Electronic Components Datasheet Search
  English  ▼

X  

2SK3702JS Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 2SK3702JS
Description  N-Channel Silicon MOSFET General-Purpose Switching Device
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK3702JS Datasheet(HTML) 1 Page - Sanyo Semicon Device

  2SK3702JS Datasheet HTML 1Page - Sanyo Semicon Device 2SK3702JS Datasheet HTML 2Page - Sanyo Semicon Device 2SK3702JS Datasheet HTML 3Page - Sanyo Semicon Device 2SK3702JS Datasheet HTML 4Page - Sanyo Semicon Device 2SK3702JS Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SK3702JS
No. A0632-1/5
Features
•
Low ON-resistance.
•
Ultrahigh-speed switching.
•
4V drive.
•
Avalanche resistance guarantee.
•
Pb-free type.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
60
V
Gate-to-Source Voltage
VGSS
±20
V
Drain Current (DC)
ID
18
A
Drain Current (Pulse)
IDP
PW≤10µs, duty cycle≤1%
72
A
Allowable Power Dissipation
PD
2.0
W
Tc=25°C20
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Avalanche Energy (Single Pulse) *1
EAS
23
mJ
Avalanche Current *2
IAV
18
A
Note : *1 VDD=20V, L=100µH, IAV=18A
*2 L≤100µH, Single pulse
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
60
V
Zero-Gate Voltage Drain Current
IDSS
VDS=60V, VGS=0V
1
µA
Gate-to-Source Leakage Current
IGSS
VGS= ±16V, VDS=0V
±10
µA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1mA
1.2
2.6
V
Forward Transfer Admittance
yfs
VDS=10V, ID=9A
8
12
S
Static Drain-to-Source On-State Resistance
RDS(on)1
ID=9A, VGS=10V
42
55
mΩ
RDS(on)2
ID=9A, VGS=4V
60
85
mΩ
Marking : K3702
Continued on next page.
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENA0632
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before using any SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
D1306QA TI IM TC-00000378
SANYO Semiconductors
DATA SHEET
2SK3702JS
N-Channel Silicon MOSFET
General-Purpose Switching Device
Applications


Similar Part No. - 2SK3702JS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3702 SANYO-2SK3702 Datasheet
35Kb / 4P
DC / DC Converter Applications
logo
VBsemi Electronics Co.,...
2SK3702 VBSEMI-2SK3702 Datasheet
2Mb / 8P
N-Channel 60 V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK3702 ISC-2SK3702 Datasheet
323Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK3702JS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3980 SANYO-2SK3980 Datasheet
43Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device
ECH8621R SANYO-ECH8621R Datasheet
43Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device
CPH3441 SANYO-CPH3441 Datasheet
39Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4065 SANYO-2SK4065 Datasheet
49Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device
2SK2624ALS SANYO-2SK2624ALS Datasheet
56Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device
2SK3977 SANYO-2SK3977 Datasheet
54Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4096LS SANYO-2SK4096LS Datasheet
55Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4101LS SANYO-2SK4101LS Datasheet
56Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4116LS SANYO-2SK4116LS Datasheet
56Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4119LS SANYO-2SK4119LS Datasheet
56Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com