Electronic Components Datasheet Search
  English  ▼

X  

ADL5545 Datasheet(PDF) 3 Page - Analog Devices

Part # ADL5545
Description  30 MHz to 6 GHz RF/IF Gain Block
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5545 Datasheet(HTML) 3 Page - Analog Devices

  ADL5545 Datasheet HTML 1Page - Analog Devices ADL5545 Datasheet HTML 2Page - Analog Devices ADL5545 Datasheet HTML 3Page - Analog Devices ADL5545 Datasheet HTML 4Page - Analog Devices ADL5545 Datasheet HTML 5Page - Analog Devices ADL5545 Datasheet HTML 6Page - Analog Devices ADL5545 Datasheet HTML 7Page - Analog Devices ADL5545 Datasheet HTML 8Page - Analog Devices ADL5545 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Data Sheet
ADL5545
Rev. B | Page 3 of 18
SPECIFICATIONS
VPOS = 5 V and TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OVERALL FUNCTION
Frequency Range
30
6000
MHz
FREQUENCY = 30 MHz
Gain
22.6
dB
Output 1 dB Compression Point
12.0
dBm
Output Third-Order Intercept
Δf = 1 MHz, output power (POUT) = −3 dBm per tone
30.3
dBm
Noise Figure
3.8
dB
FREQUENCY = 140 MHz
Gain
24.8
dB
vs. Frequency
±10 MHz
±0.03
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.6
dB
vs. Supply
4.75 V to 5.25 V
±0.30
dB
Output 1 dB Compression Point
14.6
dBm
Output Third-Order Intercept
Δf = 1 MHz, output power (POUT) = −3 dBm per tone
31.5
dBm
Noise Figure
3.1
dB
FREQUENCY = 350 MHz
Gain
24.6
dB
vs. Frequency
±10 MHz
±0.01
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.6
dB
vs. Supply
4.75 V to 5.25 V
±0.30
dB
Output 1 dB Compression Point
16.1
dBm
Output Third-Order Intercept
Δf = 1 MHz, output power (POUT) = −3 dBm per tone
32.6
dBm
Noise Figure
3.3
dB
FREQUENCY = 700 MHz
Gain
23.7
24.4
25.1
dB
vs. Frequency
±50 MHz
±0.05
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.5
dB
vs. Supply
4.75 V to 5.25 V
±0.13
dB
Output 1 dB Compression Point
17.9
dBm
Output Third-Order Intercept
Δf = 1 MHz, output power (POUT) = −3 dBm per tone
38.8
dBm
Noise Figure
3.0
dB
FREQUENCY = 900 MHz
Gain
23.4
24.1
24.8
dB
vs. Frequency
±50 MHz
±0.07
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.5
dB
vs. Supply
4.75 V to 5.25 V
±0.13
dB
Output 1 dB Compression Point
18.1
dBm
Output Third-Order Intercept
Δf = 1 MHz, output power (POUT) = −3 dBm per tone
36.4
dBm
Noise Figure
2.9
dB
FREQUENCY = 1900 MHz
Gain
21.5
22.2
22.9
dB
vs. Frequency
±50 MHz
±0.11
dB
vs. Temperature
−40°C ≤ TA ≤ +85°C
±0.7
dB
vs. Supply
4.75 V to 5.25 V
±0.17
dB
Output 1 dB Compression Point
16.6
dBm
Output Third-Order Intercept
Δf = 1 MHz, output power (POUT) = −3 dBm per tone
35.2
dBm
Noise Figure
3.4
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com