Electronic Components Datasheet Search
  English  ▼

X  

STTA9012TV1 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # STTA9012TV1
Description  Ultrafast Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STTA9012TV1 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  STTA9012TV1 Datasheet HTML 1Page - Inchange Semiconductor Company Limited STTA9012TV1 Datasheet HTML 2Page - Inchange Semiconductor Company Limited STTA9012TV1 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISUM6080
eq STTA9012TV1
Ultrafast Diode
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VF
Diode Forward Voltage
IF= 45A,TJ=25℃
--
--
2.1
V
IF= 45A,TJ=125℃
--
--
1.85
V
IR
Reverse Current
VR= 0.8*VRRM;TJ=25℃
--
--
200
uA
VR= 0.8*VRRM;TJ=125℃
--
--
12
mA
trr
Reverse Recovery Time
IF = 1A;VR = 30V,
diF/dt = -200A/us
TJ= 25℃
--
45
--
ns
PACKAGE OUTLINE (UNIT: MM):



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com