Electronic Components Datasheet Search
  English  ▼

X  

SF0140BA03072S Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # SF0140BA03072S
Description  140 MHz Filter 16 MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

SF0140BA03072S Datasheet(HTML) 4 Page - Integrated Circuit Systems

  SF0140BA03072S Datasheet HTML 1Page - Integrated Circuit Systems SF0140BA03072S Datasheet HTML 2Page - Integrated Circuit Systems SF0140BA03072S Datasheet HTML 3Page - Integrated Circuit Systems SF0140BA03072S Datasheet HTML 4Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
140 MHz Filter
16 MHz Bandwidth
Part Number SF0140BA03072S
Integrated
Circuit
Systems, Inc.
Rev X6 15-Feb-05
Page 4 of 4
Integrated Circuit Systems
• Surface Acoustic Wave Products
PHYSICAL AND ENVIRONMENTAL CHARACTERISTICS
Parameter
Qualification Conditions
Life Testing
High temperature bake at +85 ºC for 168 hours.
Temperature Cycling
MIL-STD 883, Method 1010:
-40 ºC to +85 ºC, 10 cycles, 10 minutes dwell at
temperature extremes
Vibration
MIL-STD-202, Method 201A:
10 to 55 Hz, double amplitude of 0.06” for 2 hours in each
axis.
Mechanical Shock
MIL-STD-883, Method 2002, Test Condition B:
1500 g, 3 impacts each axis
Solder Heat Resistance and Reflow
Condition
Peak temperature 240+/-5 ºC for 10 seconds.
Pre-heat: 150-170 ºC for 60 to 90 seconds.
Peak dwell: over 200 ºC for 23 to 26 seconds.
Handling: Class 1 per MIL-STD-1686
Reflow Profile is shown at the bottom of this table.
Lead Integrity
MIL-STD 883 Method 2004, Condition D
8 oz for 30 seconds.
Solderability
MIL-STD-883 Method 2003:
245 ºC +/-5 ºC; 95% coverage; no steam aging
Hermeticity
MIL-STD 883 Method 1014:
Condition A2 and Condition C (no bomb)
ESD Classification
Class I per MIL-STD-883 Method 3015
Precautions
Do not subject devices to ultrasonic cleaning, which may
cause deterioration and destruction of the device.
Reflow Profile
0
50
100
150
200
250
0
50
100
150
200
250
300
TIME (sec)
ISO 9001
Registered
324 Clark Street, Worcester, MA 01606, USA
• Phone 508-852-5400 • Fax 508-852-8456
www.icst.com
QF12/3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com