Electronic Components Datasheet Search
  English  ▼

X  

74LVC157 Datasheet(PDF) 2 Page - SG Micro Corp

Part # 74LVC157
Description  Quad 2-Input Multiplexer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SGMICRO [SG Micro Corp]
Direct Link  http://www.sg-micro.com
Logo SGMICRO - SG Micro Corp

74LVC157 Datasheet(HTML) 2 Page - SG Micro Corp

  74LVC157 Datasheet HTML 1Page - SG Micro Corp 74LVC157 Datasheet HTML 2Page - SG Micro Corp 74LVC157 Datasheet HTML 3Page - SG Micro Corp 74LVC157 Datasheet HTML 4Page - SG Micro Corp 74LVC157 Datasheet HTML 5Page - SG Micro Corp 74LVC157 Datasheet HTML 6Page - SG Micro Corp 74LVC157 Datasheet HTML 7Page - SG Micro Corp 74LVC157 Datasheet HTML 8Page - SG Micro Corp 74LVC157 Datasheet HTML 9Page - SG Micro Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
74LVC157
Quad 2-Input Multiplexer
2
AUGUST 2022
SG Micro Corp
www.sg-micro.com
PACKAGE/ORDERING INFORMATION
MODEL
PACKAGE
DESCRIPTION
SPECIFIED
TEMPERATURE
RANGE
ORDERING
NUMBER
PACKAGE
MARKING
PACKING
OPTION
74LVC157
TQFN-2.5×3.5-16L -40℃ to +125℃
74LVC157XTRG16G/TR
R5ARG
XXXXX
Tape and Reel, 6000
SOIC-16
-40℃ to +125℃
74LVC157XS16G/TR
74LVC157XS16
XXXXX
Tape and Reel, 2500
TSSOP-16
-40℃ to +125℃
74LVC157XTS16G/TR
74LVC157
XTS16
XXXXX
Tape and Reel, 4000
MARKING INFORMATION
NOTE: XXXXX = Date Code, Trace Code and Vendor Code.
Trace Code
Vendor Code
Date Code - Year
X
X
X
X X
Green (RoHS & HSF): SG Micro Corp defines "Green" to mean Pb-Free (RoHS compatible) and free of halogen substances. If
you have additional comments or questions, please contact your SGMICRO representative directly.
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage, VCC.......................................... -0.5V to 6.5V
Input Voltage, VI (2)............................................ -0.5V to 6.5V
Output Voltage, VO (2)...............................-0.5V to VCC + 0.5V
Input Clamping Current, IIK (VI < 0V)............................-50mA
Output Clamping Current, IOK (VO > VCC or VO < 0V)
....................................................................................±50mA
Output Current, IO (VO = 0V to VCC)
High-State ................................................................-50mA
Low-State....................................................................50mA
Supply Current, ICC .....................................................100mA
Ground Current, IGND..................................................-100mA
Junction Temperature (3).............................................+150℃
Storage Temperature Range .......................-65℃ to +150℃
Lead Temperature (Soldering, 10s)............................+260℃
ESD Susceptibility
HBM.............................................................................6000V
CDM ............................................................................1000V
RECOMMENDED OPERATING CONDITIONS
Supply Voltage, VCC..........................................1.65V to 3.6V
Data Retention Only, VCC....................................1.2V to 3.6V
Input Voltage, VI.....................................................0V to 5.5V
Output Voltage, VO.................................................. 0V to VCC
Input Transition Rise and Fall Rate, Δt/ΔV
VCC = 1.65V to 2.7V ....................................... 20ns/V (MAX)
VCC = 2.7V to 3.6V ......................................... 10ns/V (MAX)
Operating Temperature Range.....................-40℃ to +125℃
OVERSTRESS CAUTION
1. Stresses beyond those listed in Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to
absolute maximum rating conditions for extended periods may
affect reliability. Functional operation of the device at any
conditions beyond those indicated in the Recommended
Operating Conditions section is not implied.
2. The input and output voltage ratings may be exceeded if the
input and output clamp current ratings are observed.
3. The performance capability of a high-performance integrated
circuit in conjunction with its thermal environment can create
junction temperatures which are detrimental to reliability.
ESD SENSITIVITY CAUTION
This integrated circuit can be damaged if ESD protections are
not considered carefully. SGMICRO recommends that all
integrated circuits be handled with appropriate precautions.
Failure to observe proper handling and installation procedures
can cause damage. ESD damage can range from subtle
performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage
because even small parametric changes could cause the
device not to meet the published specifications.
DISCLAIMER
SG Micro Corp reserves the right to make any change in
circuit design, or specifications without prior notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com