Electronic Components Datasheet Search
  English  ▼

X  

Z0103 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # Z0103
Description  Triacs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

Z0103 Datasheet(HTML) 2 Page - NXP Semiconductors

  Z0103 Datasheet HTML 1Page - NXP Semiconductors Z0103 Datasheet HTML 2Page - NXP Semiconductors Z0103 Datasheet HTML 3Page - NXP Semiconductors Z0103 Datasheet HTML 4Page - NXP Semiconductors Z0103 Datasheet HTML 5Page - NXP Semiconductors Z0103 Datasheet HTML 6Page - NXP Semiconductors Z0103 Datasheet HTML 7Page - NXP Semiconductors Z0103 Datasheet HTML 8Page - NXP Semiconductors Z0103 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Z0103/07/09 series
Triacs
Product data
Rev. 02 — 12 September 2002
2 of 12
9397 750 10102
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
3.
Ordering information
3.1 Ordering options
4.
Limiting values
Table 2:
Ordering information
Part Number
Voltage (VDRM)
Gate Sensitivity (IGT)
Package
Z0103MA
600 V
3 mA
SOT54B (TO-92)
Z0103NA
800 V
3 mA
SOT54B (TO-92)
Z0107MA
600 V
5 mA
SOT54B (TO-92)
Z0107NA
800 V
5 mA
SOT54B (TO-92)
Z0109MA
600 V
10 mA
SOT54B (TO-92)
Z0109NA
800 V
10 mA
SOT54B (TO-92)
Z0103MN
600 V
3 mA
SOT223
Z0103NN
800 V
3 mA
SOT223
Z0107MN
600 V
5 mA
SOT223
Z0107NN
800 V
5 mA
SOT223
Z0109MN
600 V
10 mA
SOT223
Z0109NN
800 V
10 mA
SOT223
Table 3:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VDRM
repetitive peak off-state voltage
25
°C ≤ Tj ≤ 125 °C
Z0103/07/09MA; Z0103/07/09MN
-
600
V
Z0103/07/09NA; Z0103/07/09NN
-
800
V
VRRM
repetitive peak reverse voltage
25
°C ≤ Tj ≤ 125 °C
Z0103/07/09MA; Z0103/07/09MN
-
600
V
Z0103/07/09NA; Z0103/07/09NN
-
800
V
ITSM
non-repetitive peak on-state current
full sine wave; Tj = 25 °C prior to surge;
Figure 2 and Figure 3
t=20ms
-
8
A
t = 16.7 ms
-
8.5
A
IT(RMS)
RMS on-state current
all conduction angles; Figure 4
SOT223
Tsp =90 °C-
1
A
SOT54B (TO-92)
Tlead =50 °C-
1
A
I2tI2t for fusing
t
= 10 ms
-
0.35
A2s
dIT/dt
rate of rise of on-state current
ITM = 1.0 A; IG =2xIGT; dIG/dt = 100 mA/µs
-
20
A/
µs
IGM
peak gate current
tp =20 µs
-
1.0
A
PGM
peak gate power
-
2.0
W
PG(AV)
average gate power
over any 20 ms period
-
0.1
W
Tstg
storage temperature
−40
+150
°C
Tj
junction temperature
−40
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com