Electronic Components Datasheet Search
  English  ▼

X  

CLV1A-FKB Datasheet(PDF) 1 Page - Cree LED

Part # CLV1A-FKB
Description  CLV1A-FKB: PLCC4 3 in 1 SMD LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREELED [Cree LED]
Direct Link  https://www.cree-led.com/
Logo CREELED - Cree LED

CLV1A-FKB Datasheet(HTML) 1 Page - Cree LED

  CLV1A-FKB Datasheet HTML 1Page - Cree LED CLV1A-FKB Datasheet HTML 2Page - Cree LED CLV1A-FKB Datasheet HTML 3Page - Cree LED CLV1A-FKB Datasheet HTML 4Page - Cree LED CLV1A-FKB Datasheet HTML 5Page - Cree LED CLV1A-FKB Datasheet HTML 6Page - Cree LED CLV1A-FKB Datasheet HTML 7Page - Cree LED CLV1A-FKB Datasheet HTML 8Page - Cree LED CLV1A-FKB Datasheet HTML 9Page - Cree LED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PRODUCT FAMILY DATA SHEET
Cree LED / 4001 E. Hwy. 54, Suite 2000 / Durham, NC 27709 USA / +1.919.313.5330 / www.cree-led.com
© 2021-2024 Cree LED. The information in this document is subject to change without notice. Cree®, the Cree logo and the Cree LED logo are registered
trademarks of Cree LED.
CLD-CT874
REV 13
1
CLV1A-FKB: PLCC4 3 in 1 SMD LED
PRODUCT DESCRIPTION
Cree LED PLCC full-color LEDs offer high-
intensity light output and a wide
viewing angle in an industry-standard
package. Designed to work in a wide
array of environmental conditions,
Cree LED PLCC full-color LEDs are suited
for indoor video screen, decorative
lighting and amusement applications.
FEATURES
• Size (mm): 3.2 x 2.8
• Dominant Wavelength
Red (619 - 624nm)
Green (520 - 535nm)
Blue (460- 475nm)
• Luminous Intensity (mcd)
Red (505 - 1010)
Green (900 - 2240)
Blue (224 - 450)
• Moisture Sensitivity Level: 5a
• Lead-Free
• RoHS Compliant
APPLICATIONS
• Full-Color Video Screen
• Decorative Lighting
• Amusement


Similar Part No. - CLV1A-FKB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLV1A-FKB CREE-CLV1A-FKB Datasheet
527Kb / 9P
PLCC4 3 in 1 SMD LED
logo
Marktech Corporate
CLV1A-FKB MARKTECH-CLV1A-FKB Datasheet
527Kb / 9P
Cree짰 PLCC4 3 in 1 SMD LED
logo
Cree, Inc
CLV1A-FKB-CH1K1E1BB7R3S3 CREE-CLV1A-FKB-CH1K1E1BB7R3S3 Datasheet
527Kb / 9P
PLCC4 3 in 1 SMD LED
logo
Marktech Corporate
CLV1A-FKB-CH1K1E1BB7R3S3 MARKTECH-CLV1A-FKB-CH1K1E1BB7R3S3 Datasheet
527Kb / 9P
Cree짰 PLCC4 3 in 1 SMD LED
logo
Cree, Inc
CLV1A-FKB-CH1K1E1BB7R4S3 CREE-CLV1A-FKB-CH1K1E1BB7R4S3 Datasheet
527Kb / 9P
PLCC4 3 in 1 SMD LED
More results

Similar Description - CLV1A-FKB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLV1A-FKB CREE-CLV1A-FKB Datasheet
527Kb / 9P
PLCC4 3 in 1 SMD LED
logo
Marktech Corporate
CLV1A MARKTECH-CLV1A Datasheet
527Kb / 9P
PLCC4 3 in 1 SMD LED
CLVBA MARKTECH-CLVBA Datasheet
1,000Kb / 10P
PLCC4 3 in 1 SMD LED
CLV1A MARKTECH-CLV1A_15 Datasheet
527Kb / 9P
PLCC4 3 in 1 SMD LED
CLVBA MARKTECH-CLVBA_15 Datasheet
1,000Kb / 10P
PLCC4 3 in 1 SMD LED
logo
Cree, Inc
CLVBAFKA CREE-CLVBAFKA Datasheet
973Kb / 10P
Cree PLCC4 3-in-1 SMD LED
CLV1L-FKB CREE-CLV1L-FKB Datasheet
930Kb / 9P
Cree PLCC4 3 in 1 SMD LED
CLMUC-FKA CREE-CLMUC-FKA Datasheet
1Mb / 10P
PLCC4 3 in 1 RGB SMD LED
CLMVB-FKA CREE-CLMVB-FKA Datasheet
934Kb / 10P
PLCC4 3 in 1 RGB SMD LED
CLMXB-FKA CREE-CLMXB-FKA Datasheet
1Mb / 11P
Cree짰 PLCC4 3 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com