Electronic Components Datasheet Search
  English  ▼

X  

2SC6083 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # 2SC6083
Description  NPN Triple Diffused Planar Silicon Transistor Switching Regulator Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC6083 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  2SC6083 Datasheet HTML 1Page - Sanyo Semicon Device 2SC6083 Datasheet HTML 2Page - Sanyo Semicon Device 2SC6083 Datasheet HTML 3Page - Sanyo Semicon Device 2SC6083 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC6083
No. A0899-3/4
Collector Current, IC -- A
Reverse Bias A S O
SW Time -- IC
Collector-to-Emitter Voltage, VCE -- V
Forward Bias A S O
Collector-to-Emitter Voltage, VCE -- V
Collector Current, IC -- A
VCE(sat) -- IC
VBE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
VCE(sat) -- IC
IT12793
IT12794
IT12795
0.1
1.0
0.1
7
5
3
2
5
1.0
23
7
0.001
0.01
2
3
5
7
2
0.1
3
5
7
2
0.1
2
3
5
7
0.1
2
2
3
5
3
7
1.0
0.01
100
23
5
7
1000
1.0
35 7
22
10
35 7
2
IC / IB1=10
IB2 / IB1=10
R load
tstg
tf
10ms
DC
operation
ICP=2A
IC=1A
L=500
µH
IB2= --0.2A
Tc=25
°C
Single pulse
3
1.0
2
3
5
Ta= --40°C
25°C
120°C
2
7
IC / IB=5
IT12792
0.001
3
25
0.01
72
3
5
0.1
72
3
5
1.0
7
100
35 7
2 35 7
1.0
3
5
7
2
3
5
0.001
0.01
2
2
3
0.1
5
7
3
2
3
1.0
5
7
23
5
7
23
5
7
0.1
23
5
7
1.0
IT12790
IC / IB=5
25°
C
Ta=120
°C
--40
°C
0.001
0.01
5
2
3
0.1
7
5
7
2
3
1.0
10
5
7
23
5
7
2
3
5
7
0.1
23
5
7
1.0
IT12791
IC / IB=20
25°
C
Ta=25
°C
Single pulse
Collector Current, IC -- A
hFE -- IC
Collector Current, IC -- A
hFE -- IC
0.001
0.01
0.1
1.0
23
5
7
23
5
7
23
5
7
5
7
3
10
3
2
5
7
100
3
2
5
IT12788
VCE=5V
Ta=120°C
25°C
--40°C
0.001
0.01
0.1
1.0
23
5
7
23
57
2
3
57
5
7
3
10
3
2
5
7
100
3
2
5
IT12789



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com