Electronic Components Datasheet Search
  English  ▼

X  

K4100 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # K4100
Description  N-Channel Silicon MOSFET General-Purpose Switching Device
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

K4100 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  K4100 Datasheet HTML 1Page - Sanyo Semicon Device K4100 Datasheet HTML 2Page - Sanyo Semicon Device K4100 Datasheet HTML 3Page - Sanyo Semicon Device K4100 Datasheet HTML 4Page - Sanyo Semicon Device K4100 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SK4100LS
No. A0778-1/5
Features
•
Low ON-resistance, low input capacitance, ultrahigh-speed switching.
•
Adoption of high reliability HVP process.
•
Attachment workability is good by Mica-less package.
•
Avalanche resistance guarantee.
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
650
V
Gate-to-Source Voltage
VGSS
±30
V
Drain Current (DC)
IDc*1
Limited only by maximum temperature
6
A
IDpack*2
SANYO’s ideal heat dissipation condition
5.6
A
Drain Current (Pulse)
IDP
PW≤10µs, duty cycle≤1%
24
A
Allowable Power Dissipation
PD
2.0
W
Tc=25°C (SANYO’s ideal heat dissipation condition)
33
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Avalanche Energy (Single Pulse) *3
EAS
105
mJ
Avalanche Current *4
IAV
6A
*1 Shows chip capability
*2 Package limited
*3 VDD=99V, L=5mH, IAV=6A
*4 L≤5mH, single pulse
Marking : K4100
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENA0778
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
60607QB TI IM TC-00000729
SANYO Semiconductors
DATA SHEET
2SK4100LS
N-Channel Silicon MOSFET
General-Purpose Switching Device
Applications


Similar Part No. - K4100

ManufacturerPart #DatasheetDescription
logo
Eichhoff Electronics,In...
K410-222 EICHHOFF-K410-222 Datasheet
83Kb / 2P
MKT Zweipol-Funk-Entst철rkondensatoren Klasse MKT Two-pole Radio
K410-247 EICHHOFF-K410-247 Datasheet
83Kb / 2P
MKT Zweipol-Funk-Entst철rkondensatoren Klasse MKT Two-pole Radio
K410-315 EICHHOFF-K410-315 Datasheet
83Kb / 2P
MKT Zweipol-Funk-Entst철rkondensatoren Klasse MKT Two-pole Radio
K410-322 EICHHOFF-K410-322 Datasheet
83Kb / 2P
MKT Zweipol-Funk-Entst철rkondensatoren Klasse MKT Two-pole Radio
K410-327 EICHHOFF-K410-327 Datasheet
83Kb / 2P
MKT Zweipol-Funk-Entst철rkondensatoren Klasse MKT Two-pole Radio
More results

Similar Description - K4100

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3980 SANYO-2SK3980 Datasheet
43Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device
ECH8621R SANYO-ECH8621R Datasheet
43Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device
CPH3441 SANYO-CPH3441 Datasheet
39Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4065 SANYO-2SK4065 Datasheet
49Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device
2SK2624ALS SANYO-2SK2624ALS Datasheet
56Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device
2SK3977 SANYO-2SK3977 Datasheet
54Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4096LS SANYO-2SK4096LS Datasheet
55Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4101LS SANYO-2SK4101LS Datasheet
56Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4116LS SANYO-2SK4116LS Datasheet
56Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4119LS SANYO-2SK4119LS Datasheet
56Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com