Electronic Components Datasheet Search
  English  ▼

X  

ACZ09 Datasheet(PDF) 1 Page - Same Sky Devices

Part # ACZ09
Description  MECHANICAL INCREMENTAL ENCODER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMESKY [Same Sky Devices]
Direct Link  https://www.sameskydevices.com/
Logo SAMESKY - Same Sky Devices

ACZ09 Datasheet(HTML) 1 Page - Same Sky Devices

  ACZ09 Datasheet HTML 1Page - Same Sky Devices ACZ09 Datasheet HTML 2Page - Same Sky Devices ACZ09 Datasheet HTML 3Page - Same Sky Devices ACZ09 Datasheet HTML 4Page - Same Sky Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 09/12/2024
page 1 of 4
SERIES: ACZ09 | DESCRIPTION: MECHANICAL INCREMENTAL ENCODER
sameskydevices.com
ELECTRICAL SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
output waveform
square wave
output signals
A, B phase
current consumption
10 mA
output phase difference
T1, T2, T3, T4 ≥ 3.5 ms @ 60 rpm
supply voltage
5 V dc max.
output resolution
10, 15, 20 ppr
switch rating
12 V dc, 50 mA (ACZ09BRXE models only)
insulation resistance
100 MΩ, 300 V dc, 1 min.
withstand voltage
300 V ac, 1 minute; no arc, damage or dielectric breakdown
MECHANICAL SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
shaft load
axial
8
kgf
rotational torque
with detent click
without detent click
60
60
140
80
220
100
gf•cm
gf•cm
push switch operational force
(ACZ09BRXE models only)
300
1,500
gf•cm
push switch life
(ACZ09BRXE models only)
50,000
cycles
rotational life
30,000
cycles
ENVIRONMENTAL SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
operating temperature
-10
75
°C
storage temperature
-20
75
°C
humidity
0
95
% RH
vibration
0.75 mm max. travel for 2 hours
10
55
Hz
PART NUMBER KEY
ACZ09 X BR X E - XX XX X1 - XXX
Version:
“blank” = switch (momentary)
N = no switch
Resolution (ppr):
20C10P = 10 ppr, 20 detent
30C15P = 15 ppr, 30 detent
20C = 20 ppr, 20 detent
Bushing:
1 = M7 x 0.75 (H = 5)
2 = M7 x 0.75 (H = 7)
Shaft length:
15, 20, 25
Shaft type:
KQ = knurled
F = D cut
S = round, slotted
PCB mount:
A = Horizontal
D = Vertical
Replacement Hardware:
M7x0.75 Nut: 071-0068R
Washer: 071-0069R
CUI Devices is now Same Sky!
Learn More
Additional Resources: Product Page


Similar Part No. - ACZ09

ManufacturerPart #DatasheetDescription
logo
CUI INC
ACZ09 CUI-ACZ09 Datasheet
126Kb / 3P
MECHANICAL INCREMENTAL ENCODER
ACZ09 CUI-ACZ09 Datasheet
274Kb / 4P
MECHANICAL INCREMENTAL ENCODER
08/10/2021
ACZ09BR1E-10.5FA120C CUI-ACZ09BR1E-10.5FA120C Datasheet
126Kb / 3P
MECHANICAL INCREMENTAL ENCODER
ACZ09BR1E-10.5FD120C CUI-ACZ09BR1E-10.5FD120C Datasheet
126Kb / 3P
MECHANICAL INCREMENTAL ENCODER
ACZ09BR1E-10.5KQA120C CUI-ACZ09BR1E-10.5KQA120C Datasheet
126Kb / 3P
MECHANICAL INCREMENTAL ENCODER
More results

Similar Description - ACZ09

ManufacturerPart #DatasheetDescription
logo
CUI INC
MES12 CUI-MES12 Datasheet
74Kb / 3P
incremental encoder
ACZ11 CUI-ACZ11 Datasheet
189Kb / 3P
mechanical incremental encoder
ACZ16 CUI-ACZ16_10 Datasheet
106Kb / 3P
mechanical incremental encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
INCREMENTAL ENCODER
logo
CUI INC
ACZ09 CUI-ACZ09 Datasheet
126Kb / 3P
MECHANICAL INCREMENTAL ENCODER
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
Incremental Encoder
logo
Wurth Elektronik GmbH &...
482009514001 WURTH-482009514001 Datasheet
613Kb / 8P
WS-ENTV Mechanical Incremental Encoder Switch
002.001
logo
CUI INC
ACZ16 CUI-ACZ16_V01 Datasheet
428Kb / 4P
MECHANICAL INCREMENTAL ENCODER
07/14/2020
ACZ11 CUI-ACZ11_V01 Datasheet
357Kb / 4P
MECHANICAL INCREMENTAL ENCODER
06/15/2020
ACZ09 CUI-ACZ09_V01 Datasheet
274Kb / 4P
MECHANICAL INCREMENTAL ENCODER
08/10/2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com