Electronic Components Datasheet Search
  English  ▼

X  

MPB150 Datasheet(PDF) 2 Page - Power-One

Part # MPB150
Description  Dual-Output AC-DC Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

MPB150 Datasheet(HTML) 2 Page - Power-One

  MPB150 Datasheet HTML 1Page - Power-One MPB150 Datasheet HTML 2Page - Power-One MPB150 Datasheet HTML 3Page - Power-One MPB150 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MPB150 Dual-Output AC-DC Series Data Sheet
APR 28, 2006 revised to JAN 24, 2007
Page 2 of 4
www.power-one.com
Interface Signals and Internal Protection
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Overvoltage Protection
V1 output.
MPB150-2012
13.5
16.5
MPB150-2024
26.9
31.1
VDC
MPB150-2048
57.6
62.4
Overload Protection
Fully protected against output short circuit or overload. Automatic recovery upon
removal of overload condition.
Remote Sense (Note 1)
Total (+sense and -sense) voltage compensation for cable losses.
500
mV
Power Good Signal
AC/DC indicator - This signal indicates the status of the AC input or DC outputs.
When there is sufficient AC voltage and the outputs are operating normally, an
open collector signal is provided.
Turn-On delay time from application of AC:
50
500
Warning time before outputs go out of regulation:
5
ms
Warning time before outputs deviate ±10% from the nominal value:
15
Sink Current
20
mA
Pull-up Voltage
30
V
Power Supply OK Signal
Provided on dual-output models. Open collector signal intended to drive an LED.
Closed collector occurs when the Power Good Signal is in its open collector state.
Sink Current
20
mA
Pull-up Voltage
30
V
Thermal Shutdown
Protected against overtemperature conditions.
Unit recovers when overtemperature condition is removed.
Current Share
Up to 4 units can be connected in parallel.
There are some limits for parallel operation. See Applications Note.
N+1 redundancy is provided. V2 needs an external isolation diode for N+1 operation.
Isolation Diode
Internal isolation diode is provided on V1.
NOTES: 1) Negative (-) sense must be connected to output common or load common for proper power supply operation.
Input Specifications
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Input Voltage- AC
Continuous input range.
90
264
VAC
Input Frequency
AC Input.
47
63
Hz
Brownout Protection
Lowest AC input voltage that regulation is maintained with full rated loads.
90
VAC
Hold-up Time
Over full AC input voltage range at full rated load.
17
ms
Input Current
90 VAC at full rated load.
2.2
ARMS
Input Protection
Non-user serviceable internally located AC input line fuse, 250 VAC, 3.15A.
Inrush Surge Current
Internally limited by thermistor,
110VAC:
23
APK
one cycle, 25° C.
220VAC:
46
Power Factor Circuitry
Active PFC meets requirements of EN61000-3-2.
Operating Frequency
Switching frequency of main transformer.
45
kHz
Output Specifications
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Efficiency
Full Load, 230VAC. Varies with distribution of loads among outputs.
75
80
85
%
Minimum Loads
V1 load for full regulation on V2. All models operate
5
Watts
at no load without any damage and meet all specs on V1 above 0 amps.
Ripple and Noise
Full load, 20 MHz bandwidth.
See Model Selection Chart
Output Power (Note 1)
At 15 CFM forced-air cooling. See Application Note for details.
150
Watts
Convection: Consult Factory.
Overshoot /Undershoot
Output voltage overshoot/undershoot at turn-on.
10
%
Regulation
Varies by output. Total regulation includes: line changes from 85-132 VAC
See Model Selection Chart
or 170-264 VAC, changes in load starting at 20% load and changing to 100% load.
Transient Response
Maximum deviation due to a 25% load change with unit at 75% load.
3
%
Turn-on Delay
Time required for initial output voltage stabilization.
0.2
1.5
Sec
Turn-on Rise Time
Time required for output voltage to rise from 10% to 90%.
0.2
20
ms



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com