Electronic Components Datasheet Search
  English  ▼

X  

PM3370 Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM3370
Description  Octal 10/100 Mbit/s Switch Port-Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3370 Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM3370 Datasheet HTML 1Page - PMC-Sierra, Inc PM3370 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PMC-980235 (R6)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
© 1999 PMC-Sierra, Inc.
PMC-Sierra,Inc.
Octal 10/100 Mbit/s Switch Port-Controller
PM3370
FEATURES
• Monolithic intelligent octal 10/100
Ethernet Switch Port Controller.
•Integrates eight 10/100 MACs that
connect to physical layer devices over
standard IEEE 802.3u MIIs.
• Supports the Gigabit EXACT Bus
Protocol for device interconnect.
•May be used alone or in combination
with other devices to build high density
10/100 switches.
• PM3390 EXACT Bus Switch Matrix
allows non-blocking expansion up to
96 10/100 Mbit/s ports.
•Layer 2 line rate address lookup
capability for all Ethernet port
configurations supported.
• Store-and-forward switching using
output associated input buffering for
efficient memory use without Head Of
Line (HOL) blocking.
• Supports 8,000 MAC addresses.
• 1022 multicast groups available.
Bitmask per group defines
membership.
• EXACT Bus is compatible with
common serial devices for simple
system stacking using coax or twinax
cable.
• Support for IEEE 802.1D bridging and
spanning tree algorithm in an external
processor.
• Embedded SmartPath
™ Processor
supports value-added datapath
operations.
• Two 32-bit memory interfaces for
flexible combinations of SSRAM,
SDRAM, and EPROM allows cost
optimization of different applications.
• Programmable packet pattern
matchers for identification of ARP,
RARP, ICMP, and other protocol or
packet types.
MANAGEMENT
•System Interface provided in CMI to
support standard SNMP software
packages, or the porting of existing
management software.
• Hardware statistics collection supports
RMON-I (9 groups), Ethernet MIB, and
SNMP agent functions.
• All statistics registers and data
structures accessible through the CMI.
• Supports the implementation of
Spanning Tree (IEEE 802.1D) by
exchanging BPDU packets on all ports.
VLAN
• Up to 4094 IEEE 802.1Q VLAN tags
with support for 4094 FIDs.
• Up to 1022 active VLANs.
•Ingress filtering of packets.
• Shared and independent learning.
• GARP, GVRP, GMRP packet
identification and forwarding to
external CUP for processing.
•Tag insertion and removal for unicast
and multicast packets.
PRIORITY
• Class of service supported via IEEE
802.1D (formerly 802.1p) with two
levels of priority.
VALUE ADD
• Control and Management Interface
provides standard interface for non
real-time access to data structures
(such as SNMP and RMON
applications).
•A MAC bypass mode (ENTRE mode)
allows a 800 Mbit/s full duplex access
channel into the device with 32-bit
FIFO bus.
• Allows connection of proprietary ASICs
to an EXACT system.
• Supports ATM or Packet over SONET
applications.
• Customer product differentiation is
enabled by applications using CMI
calls to leverage EXACT resources.
COMPATIBILITY
• Interworks with the PM3380 Gigabit
Switch Port Controller.
• Interworks with the PM3390 8-Port
EXACT Bus Switch Matrix.
PACKAGING
• Provides a standard 5-signal P1149.1
JTAG test port for boundary scan
board test purposes.
• Implemented in low power 3.3 V,
CMOS technology with 5 V tolerant MII
interface.
• Available in a 352-pin Ball Grid Array
(BGA) package.
Eight
Independent
MII Interfaces
Microprocessor
Interface
8
×10/100
Media
Access
Control
Micro
Interface
Global
Registers
JTAG
Memory
Port
Controller
Memory
Port
Controller
JTAG
SDRAM
SSRAM
EXACT
Ring
Interface
EXACT Bus
Output Port
EXACT Bus
Input Port
EXACT Bus
Reference Clock
System Clock
Receive
Control
Address
Resolution
Logic
Transmit
Control
SmartPath
CPU
Ingress
DMA Unit
Ingress
Queue
Manager
Egress
Queue
Manager
BLOCK DIAGRAM


Similar Part No. - PM3370

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PM337 ARTESYN-PM337 Datasheet
39Kb / 2P
Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM337CE ARTESYN-PM337CE Datasheet
46Kb / 2P
Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM337D ARTESYN-PM337D Datasheet
39Kb / 2P
Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM337K ARTESYN-PM337K Datasheet
39Kb / 2P
Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
More results

Similar Description - PM3370

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM3350 PMC-PM3350 Datasheet
39Kb / 2P
8-Port 10 Mbit/s Switch
PM3351 PMC-PM3351 Datasheet
32Kb / 2P
Single-Port 10/100 Mbit/s Ethernet Switch
logo
Infineon Technologies A...
ADM6996F INFINEON-ADM6996F Datasheet
2Mb / 69P
6 port 10/100 Mb/s Single Chip Ethernet Switch Controller
V1.03
logo
List of Unclassifed Man...
ADM6995L ETC1-ADM6995L Datasheet
1Mb / 57P
5 PORT 10/100 MB/s SINGLE CHIP ETHERNET SWITCH CONTROLLER
logo
Texas Instruments
TNETX3100 TI1-TNETX3100 Datasheet
1Mb / 80P
ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
TNETX4080 TI1-TNETX4080 Datasheet
796Kb / 64P
ThunderSWITCH IIE 8-PORT 10-/100-MBIT/S ETHERNETE SWITCH
TNETX3150 TI1-TNETX3150 Datasheet
1Mb / 113P
ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
logo
PMC-Sierra, Inc
PM3350-1 PMC-PM3350-1 Datasheet
51Kb / 2P
8-Port 10 Mbit/s Switch
PM3351-1 PMC-PM3351-1 Datasheet
44Kb / 2P
Single-Port 10/100 Mbit/s Ethernet Switch
logo
Infineon Technologies A...
ADM6999U INFINEON-ADM6999U Datasheet
5Mb / 85P
9 port 10/100 Mb/s Single Chip Ethernet Switch Controller
Data Sheet, Rev. 1.42, Nov. 2005
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com