Electronic Components Datasheet Search
  English  ▼

X  

BFB0002 Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BFB0002
Description  Photoelectric Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BFB0002 Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BFB0002 Datasheet HTML 1Page - Balluff Korea Ltd. BFB0002 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Photoelectric Sensors
BFB 75K-001-N-S75
Order Code: BFB0002
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-05
Subject to change without notice: 153182
ETIM 6.0: EC002716
BFB0002_0.78_2024-10-10
2 / 2
Environmental conditions
Ambient temperature
-20...60 °C
EN 60068-2-6, Vibration
55 Hz, amplitude 1 mm, 3x30 min
IP rating
IP64
Interface
Switching output
NPN normally open/normally
closed (NO/NC)
Material
Housing material
ABS
Mechanical data
Dimension
10.4 x 35.4 x 84 mm
Mounting part
Screw M3
DIN rail 35 mm
Optical features
Ambient light max.
5000 Lux
Light type
LED, red light
Principle of optical operation
depends on fiber optics
Switching function, optical
Light/dark switching
Wave length
660 nm
Range/Distance
Hysteresis H max. (% of Sr)
10.0 %
Range
depends on fiber optics
Remarks
Order accessories separately.
For additional information, refer to user's guide.
The sensor is functional again after the overload has been eliminated.
Do not press key using a pointed tool.
Connector Drawings
Wiring Diagrams (Schematic)
Opto Symbols



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com