Electronic Components Datasheet Search
  English  ▼

X  

BFB0004 Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BFB0004
Description  Photoelectric Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BFB0004 Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BFB0004 Datasheet HTML 1Page - Balluff Korea Ltd. BFB0004 Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Photoelectric Sensors
BFB 75K-001-P-S75
Order Code: BFB0004
Internet
www.balluff.com
eCl@ss 9.1: 27-27-09-05
Subject to change without notice: 153180
ETIM 6.0: EC002716
BFB0004_0.84_2024-10-10
1 / 2
1) Fiber clamp, 2) Emitter, 3) Receiver, 4) For DIN rail 35mm, 5) stability, 6) Output function, 7) Sn
Basic features
Approval/Conformity
CE
cULus
WEEE
Basic standard
IEC 60947-5-2
Principle of operation
Fiber optic device
Series
75K
Style
Square
Straight connection
Display/Operation
Adjuster
button
Display
Output function- LED yellow
Stability - LED green
Setting
Light-on/dark-on
Factory setting (Reset)
Sensitivity (Sn)
Electrical connection
Connection
Connector, M8x1-Male, 4-pin
Fiber optics connection
Ø 2.2 mm
Polarity reversal protected
yes
Short-circuit protection
yes
Electrical data
Input function
Same function as button
Key disable on/off
No-load current Io max. at Ue
20 mA
Operating voltage Ub
10...30 VDC
Protection class
II
Rated insulation voltage Ui
75 V DC
Rated operating current Ie
100 mA
Rated operating voltage Ue DC
24 V
Ripple max. (% of Ue)
10 %
Switching frequency
1500 Hz
Turn-off delay toff max.
0.33 ms
Turn-on delay ton max.
0.33 ms
Voltage drop Ud max. at Ie
2.4 V


Similar Part No. - BFB0004

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BFB0001 BALLUFF-BFB0001 Datasheet
101Kb / 2P
Photoelectric Sensors
2024-10-10
BFB0002 BALLUFF-BFB0002 Datasheet
103Kb / 2P
Photoelectric Sensors
2024-10-10
BFB0003 BALLUFF-BFB0003 Datasheet
101Kb / 2P
Photoelectric Sensors
2024-10-10
BFB0005 BALLUFF-BFB0005 Datasheet
110Kb / 3P
Photoelectric Sensors
2024-10-10
BFB0006 BALLUFF-BFB0006 Datasheet
112Kb / 4P
Photoelectric Sensors
2024-10-10
More results

Similar Description - BFB0004

ManufacturerPart #DatasheetDescription
logo
SICK AG
WLG4S-3E1134 SICK-WLG4S-3E1134 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3N1332 SICK-WLG4S-3N1332 Datasheet
3Mb / 8P
PHOTOELECTRIC SENSORS
WLG4S-3P3132 SICK-WLG4S-3P3132 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A71 SICK-WLG4SC-3P2232A71 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P2232A91 SICK-WLG4SC-3P2232A91 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WLG4SC-3P3232B01 SICK-WLG4SC-3P3232B01 Datasheet
4Mb / 10P
PHOTOELECTRIC SENSORS
WL9G-3N1132P06 SICK-WL9G-3N1132P06 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL9G-3N1234S02 SICK-WL9G-3N1234S02 Datasheet
3Mb / 7P
PHOTOELECTRIC SENSORS
WL9G-3P2232 SICK-WL9G-3P2232 Datasheet
3Mb / 9P
PHOTOELECTRIC SENSORS
WL12G-3O2431S47 SICK-WL12G-3O2431S47 Datasheet
4Mb / 9P
PHOTOELECTRIC SENSORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com