Electronic Components Datasheet Search
  English  ▼

X  

CS42418 Datasheet(PDF) 62 Page - Cirrus Logic

Part # CS42418
Description  110 dB, 192 kHz 8-Ch Codec with PLL
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42418 Datasheet(HTML) 62 Page - Cirrus Logic

Back Button CS42418 Datasheet HTML 58Page - Cirrus Logic CS42418 Datasheet HTML 59Page - Cirrus Logic CS42418 Datasheet HTML 60Page - Cirrus Logic CS42418 Datasheet HTML 61Page - Cirrus Logic CS42418 Datasheet HTML 62Page - Cirrus Logic CS42418 Datasheet HTML 63Page - Cirrus Logic CS42418 Datasheet HTML 64Page - Cirrus Logic CS42418 Datasheet HTML 65Page - Cirrus Logic CS42418 Datasheet HTML 66Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 73 page
background image
62
DS603F1
CS42418
9. APPENDIX B: PLL FILTER
9.1
External Filter Components
9.1.1
General
The PLL behavior is affected by the external filter component values in the Typical Connection Diagrams.
Figure 5 and Figure 6 show the recommended configuration of the two capacitors and one resistor that
comprise the PLL filter. The external PLL component values listed in Table 16 have a high corner-frequen-
cy jitter-attenuation curve, take a short time to lock, and offer good output jitter performance. Lock times
are worst case for an Fsi transition of 192 kHz.
It is important to treat the LPFILT pin as a low-level analog input. It is suggested that the ground end of
the PLL filter be returned directly to the AGND pin independently of the digital ground plane.
9.1.2
Capacitor Selection
The type of capacitors used for the PLL filter can have a significant effect on PLL performance. Large or
exotic film capacitors are not necessary because their leads, and the required longer circuit board traces,
add undesirable inductance to the circuit. Surface-mount ceramic capacitors are a good choice because
their own inductance is low, and they can be mounted close to the LPFLT pin to minimize trace induc-
tance. For CRIP, a C0G or NPO dielectric is recommended; and for CFILT, an X7R dielectric is preferred.
Avoid capacitors with large temperature co-coefficient, or capacitors with high dielectric constants, that
are sensitive to shock and vibration. These include the Z5U and Y5V dielectrics.
RFILT (k
Ω)CFILT (µF) CRIP (pF)
2.55
0.047
2200
Table 16. PLL External Component Values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com