Electronic Components Datasheet Search
  English  ▼

X  

CS42426 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS42426
Description  114 dB, 192 kHz 6-Ch Codec with PLL
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42426 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS42426 Datasheet HTML 15Page - Cirrus Logic CS42426 Datasheet HTML 16Page - Cirrus Logic CS42426 Datasheet HTML 17Page - Cirrus Logic CS42426 Datasheet HTML 18Page - Cirrus Logic CS42426 Datasheet HTML 19Page - Cirrus Logic CS42426 Datasheet HTML 20Page - Cirrus Logic CS42426 Datasheet HTML 21Page - Cirrus Logic CS42426 Datasheet HTML 22Page - Cirrus Logic CS42426 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 73 page
background image
DS604F1
19
CS42426
VL S
VD
AO UT A 1 +
24
0.1 µ F
+
10 µF
1 00 µ F
0.1 µ F
+
+
17
18
VQ
FIL T +
36
37
0.1 µF
4.7 µ F
VA
+
10 µF
0.1 µF
51
53
AO UT A1 -
AO UT B 1 +
35
34
AO UT B1 -
AO UT A 2 +
32
33
AO UT A2 -
AO UT B 2 +
31
30
AO UT B2 -
AO UT A 3 +
28
29
AO UT A3 -
AO UT B 3 +
27
26
AO UT B3 -
MU T E C
38
25
DG ND DG N D
5
VL C
0.1 µ F
6
3
60
59
1
64
61
2
63
8
7
SCL /CCL K
SDA /CDO U T
AD 1 /C D IN
RS T
12
9
OM C K
ADC_ L RCK
RE F G N D
19
AD 0 /C S
10
IN T
11
55
RM CK
58
ADC IN1
57
ADC IN2
56
AD C_ SDO U T
48
46
44
45
47
43
41
4
VA
VD
0.1 µ F
AG ND
AG ND
52
40
LP F L T
39
AIN L +
AIN L -
AIN R +
AINR-
15
16
14
13
42
GP O1
GP O2
GP O3
GP O4
GP O5
GP O6
GP O7
DA C _ S D IN 1
AD C_ SCL K
DA C _ S D IN 3
DAC_ SDIN 2
D A C_ L RCK
DA C_ SCL K
0 .01 µ F
0.1 µ F
+
10 µF
+5 V
0 .01 µ F
0.0 1 µ F
+ 3 .3 V to + 5 V
+
10 µF
0.1 µ F
0.0 1 µ F
A nalog O u tp u t B u ffer 2
an d
M u te C irc uit (o ptiona l)
Mu te
Driv e
(o p tio nal)
27 00 p F *
27 00 pF *
Left A n alog In p u t
R igh t A n alog In put
A nalog
In p u t
Bu ffe r 1
A nalog
In p u t
Bu ffe r 1
+V A
*
* P u ll up or d o w n a s
re q u ired on startup if th e
M u te C o n tro l is u s e d .
*
A n alog O u tp u t B u ffe r 2
and
M u te C irc uit (o p tio na l)
A n a lo g O u tp u t B u ffe r 2
an d
M u te C irc uit (optio n a l)
A n alog O u tp u t B u ffe r 2
and
M u te C irc uit (o p tio na l)
A n alog O u tp u t B u ffe r 2
and
M u te C irc uit (o ptio na l)
A n alog O u tp u t B u ffe r 2
and
M u te C irc uit (o p tio na l)
Co n n e c t DG ND a n d AG ND a t s in g le p o in t n e a r Co d e c
CF IL T 3
RF IL T 3
CR IP 3
2 k
Ω
2 k
Ω
**
**
* * R e sis tors are re q u ired fo r
I2 C c o ntro l po rt op era tio n
1 . S e e th e A D C In p u t F ilte r s e c tio n in th e A p p e n d ix .
2 . S e e th e D A C O u tp u t F ilte r s e c tio n in th e A p p e n d ix .
3 . S ee th e P LL F ilter s e ctio n in th e A p pe nd ix .
+ 1 .8 V
to + 5 .0 V
DVD
P roc es s o r
27 M H z
Figure 6. Typical Connection Diagram using the PLL
CS42426



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com