Electronic Components Datasheet Search
  English  ▼

X  

CS42432 Datasheet(PDF) 30 Page - Cirrus Logic

Part # CS42432
Description  108 dB, 192 kHz 4-In, 6-Out TDM CODEC
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42432 Datasheet(HTML) 30 Page - Cirrus Logic

Back Button CS42432 Datasheet HTML 26Page - Cirrus Logic CS42432 Datasheet HTML 27Page - Cirrus Logic CS42432 Datasheet HTML 28Page - Cirrus Logic CS42432 Datasheet HTML 29Page - Cirrus Logic CS42432 Datasheet HTML 30Page - Cirrus Logic CS42432 Datasheet HTML 31Page - Cirrus Logic CS42432 Datasheet HTML 32Page - Cirrus Logic CS42432 Datasheet HTML 33Page - Cirrus Logic CS42432 Datasheet HTML 34Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 59 page
background image
30
DS673F1
CS42432
5.3.3
Digital Volume Control
5.3.3.1
Hardware Mode
DAC Volume Control and Mute are not accessible in Hardware Mode.
5.3.3.2
Software Mode
Each DAC’s output level is controlled via the Volume Control registers operating over the range of 0 to
-127.5 dB attenuation with 0.5 dB resolution. See “AOUTX Volume Control (Addresses 08h-0D)” on
page 45. Volume control changes are programmable to ramp in increments of 0.125 dB at the rate con-
trolled by the SZC[1:0] bits in the Digital Volume Control register. See “Transition Control (Address 06h)”
on page 43.
Each output can be independently muted via mute control bits in the register “DAC Channel Mute (Ad-
dress 07h)” on page 44. When enabled, each AOUTx_MUTE bit attenuates the corresponding DAC to its
maximum value (-127.5 dB). When the AOUTx_MUTE bit is disabled, the corresponding DAC returns to
the attenuation level set in the Volume Control register. The attenuation is ramped up and down at the
rate specified by the SZC[1:0] bits.
5.3.4
De-Emphasis Filter
The CS42432 includes on-chip digital de-emphasis optimized for a sample rate of 44.1 kHz. The filter re-
sponse is shown in Figure 12. The de-emphasis feature is included to accommodate audio recordings
that utilize 50/15
μs pre-emphasis equalization as a means of noise reduction.
De-emphasis is only available in Single-Speed Mode. Please see
“DAC De-Emphasis Control
(DAC_DEM)” on page 42 for de-emphasis control.
AOUTx+
AOUTx-
Full-Scale Differential Output Level =
(AOUTx+) - (AOUTx-) = 6.5 VPP = 2.3 VRMS
4.125 V
2.5 V
0.875 V
5.0 V
4.125 V
2.5 V
0.875 V
VA
Figure 11. Full-Scale Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com