Electronic Components Datasheet Search
  English  ▼

X  

CS42438 Datasheet(PDF) 61 Page - Cirrus Logic

Part # CS42438
Description  108 dB, 192 kHz 6-in, 8-out TDM CODEC
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42438 Datasheet(HTML) 61 Page - Cirrus Logic

Back Button CS42438 Datasheet HTML 54Page - Cirrus Logic CS42438 Datasheet HTML 55Page - Cirrus Logic CS42438 Datasheet HTML 56Page - Cirrus Logic CS42438 Datasheet HTML 57Page - Cirrus Logic CS42438 Datasheet HTML 58Page - Cirrus Logic CS42438 Datasheet HTML 59Page - Cirrus Logic CS42438 Datasheet HTML 60Page - Cirrus Logic CS42438 Datasheet HTML 61Page - Cirrus Logic CS42438 Datasheet HTML 62Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 61 / 62 page
background image
DS646F1
61
CS42438
14.ORDERING INFORMATION
15.REVISION HISTORY
Product
Description
Package
Pb-Free
Grade
Temp Range
Container
Order #
CS42438
6-in, 8-out, TDM CODEC
for Surround Sound Apps
52L-MQFP
YES
Commercial
-10° to +70° C
Rail
CS42438-CMZ
Tape & Reel CS42438-CMZR
Automotive -40° to +105° C
Rail
CS42438-DMZ
Tape & Reel CS42438-DMZR
CDB42438 CS42438 Evaluation Board
-
-
-
-
-
CDB42438
Revision
Changes
A1
Initial Release
A2
Corrected I²C Address in Section 5.7.2 on page 36.
Corrected Chip I.D. in Section 7.2.1 on page 41.
PP1
Initial Preliminary Product (PP) Release subject to legal notice below.
Added pin numbers to “Typical Connection Diagram (Software Mode)” on page 11 and “Typical Connection
Diagram (Hardware Mode)” on page 12.
Changed ADC Double-Speed Mode parameters. See Note 2 on page 13 and Note 18 on page 21.
Added ADC3 MUX Interchannel Isolation characteristic in “Characteristics and Specifications” beginning on
page 13.
Changed ADC Passband Ripple maximum specifications for SSM, DSM & QSM in section “Characteristics
and Specifications” beginning on page 13.
Changed DAC Frequency Response specifications for SSM, DSM & QSM in “Characteristics and Specifica-
tions” beginning on page 13.
Removed ADC Quad-Speed Mode feature. See Note 19 on page 21.
Added section “De-Emphasis Filter” on page 32.
Corrected section “TDM data is received most significant bit (MSB) first, on the second rising edge of the
SCLK occurring after a an FS rising edge. All data is valid on the rising edge of SCLK. The AIN1 MSB is
transmitted early, but is guaranteed valid for a specified time after SCLK rises. All other bits are transmitted
on the falling edge of SCLK. Each time slot is 32 bits wide, with the valid data sample left ‘justified within the
time slot. Valid data lengths are 16, 18, 20, or 24.” on page 33.
Changed AIN1-6 Volume Control range from (+12 dB to -115.5 dB) to (+24 dB to -64 dB) in register “AINX
Volume Control (AINX_VOL[7:0])” on page 48.
Removed the register “Status Control (address 18h)”. See “CLOCK ERROR (CLK ERROR)” on
page 49
and “ADC Overflow (ADCX_OVFL)” on page 49 for the Active Mode setting.
PP2
Corrected
Figures 21-23.
Added “Ordering Information” on page 61.
F1
Updated temperature and voltage specifications in the “Recommended Operating Conditions” on page 13.
Added test conditions to the Analog Input and Analog Output Characteristics tables.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com