Electronic Components Datasheet Search
  English  ▼

X  

CS42518 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS42518
Description  110 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42518 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS42518 Datasheet HTML 5Page - Cirrus Logic CS42518 Datasheet HTML 6Page - Cirrus Logic CS42518 Datasheet HTML 7Page - Cirrus Logic CS42518 Datasheet HTML 8Page - Cirrus Logic CS42518 Datasheet HTML 9Page - Cirrus Logic CS42518 Datasheet HTML 10Page - Cirrus Logic CS42518 Datasheet HTML 11Page - Cirrus Logic CS42518 Datasheet HTML 12Page - Cirrus Logic CS42518 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 91 page
background image
DS584F1
9
CS42518
A/D DIGITAL FILTER CHARACTERISTICS
Notes:
5.
The filter frequency response scales precisely with Fs.
6.
Response shown is for Fs equal to 48 kHz. Filter characteristics scale with Fs.
Parameter
Symbol
Min
Typ
Max
Unit
Single-Speed Mode (2 to 50 kHz sample rates)
Passband
(-0.1 dB)
(Note 5)
0-
0.47
Fs
Passband Ripple
--
±0.035
dB
Stopband
(Note 5)
0.58
-
-
Fs
Stopband Attenuation
-95
-
-
dB
Total Group Delay (Fs = Output Sample Rate)
tgd
-
12/Fs
-
s
Group Delay Variation vs. Frequency
∆tgd
--
0.0
µs
Double-Speed Mode (50 to 100 kHz sample rates)
Passband
(-0.1 dB)
(Note 5)
0-
0.45
Fs
Passband Ripple
--
±0.035
dB
Stopband
(Note 5)
0.68
-
-
Fs
Stopband Attenuation
-92
-
-
dB
Total Group Delay (Fs = Output Sample Rate)
tgd
-9/Fs-
s
Group Delay Variation vs. Frequency
∆tgd
--
0.0
µs
Quad-Speed Mode (100 to 192 kHz sample rates)
Passband
(-0.1 dB)
(Note 5)
0-
0.24
Fs
Passband Ripple
--
±0.035
dB
Stopband
(Note 5)
0.78
-
-
Fs
Stopband Attenuation
-97
-
-
dB
Total Group Delay (Fs = Output Sample Rate)
tgd
-5/Fs-
s
Group Delay Variation vs. Frequency
∆tgd
--
0.0
µs
High-Pass Filter Characteristics
Frequency Response
-3.0 dB
-0.13 dB
(Note 6)
-1
20
-
-
Hz
Hz
Phase Deviation
@ 20 Hz
(Note 6)
-10-
Deg
Passband Ripple
--
0
dB
Filter Setting Time
-105/Fs
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com