Electronic Components Datasheet Search
  English  ▼

X  

CDB44800 Datasheet(PDF) 59 Page - Cirrus Logic

Part # CDB44800
Description  6-Channel Digital Amplifier Controller
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB44800 Datasheet(HTML) 59 Page - Cirrus Logic

Back Button CDB44800 Datasheet HTML 55Page - Cirrus Logic CDB44800 Datasheet HTML 56Page - Cirrus Logic CDB44800 Datasheet HTML 57Page - Cirrus Logic CDB44800 Datasheet HTML 58Page - Cirrus Logic CDB44800 Datasheet HTML 59Page - Cirrus Logic CDB44800 Datasheet HTML 60Page - Cirrus Logic CDB44800 Datasheet HTML 61Page - Cirrus Logic CDB44800 Datasheet HTML 62Page - Cirrus Logic CDB44800 Datasheet HTML 63Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 76 page
background image
DS633F1
59
CS44600
7.15
Peak Limiter Control Register (address 15h)
7.15.1
Peak Signal Limit All Channels (LIMIT_ALL)
Default = 0
0 - individual channel
1 - all channels
Function:
When set to 0, the peak signal limiter will limit the maximum signal amplitude to prevent clipping on the
specific channel indicating clipping. The other channels will not be affected.
When set to 1, the peak signal limiter will limit the maximum signal amplitude to prevent clipping on ALL
channels in response to ANY single channel indicating clipping.
7.15.2
Peak Signal Limiter Enable (LIMIT_EN)
Default = 0
0 - Disabled
1 - Enabled
Function:
The CS44600 will limit the maximum signal amplitude to prevent clipping when this function is enabled.
Peak Signal Limiting is performed by digital attenuation. The attack rate is determined by the Limiter At-
tack Rate register.
7.16
Limiter Attack Rate (address 16h)
7.16.1
Attack Rate (ARATE[7:0])
Default = 00010000
Function:
The limiter attack rate is user selectable. The effective rate is a function of the SRC output sampling fre-
quency and the value in the Limiter Attack Rate register. Rates are calculated using the function
RATE = (32/{value})/SRC Fs, where {value} is the decimal value in the Limiter Attack Rate register and
SRC Fs is the output sample rate of the SRC which is determined by the PWM master clock frequency.
SRC Fs equals 384 kHz for 24.576 MHz based clocks and 421.875 kHz for 27.000 MHz based clocks.
Note: A value of zero in this register is not recommended, as it will induce erratic behavior of the limiter.
Use the LIM_EN bit to disable the limiter function (see Peak Limiter Control Register (address 15h)).
765
43
21
0
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
LIMIT_ALL
LIMIT_EN
765
43
21
0
ARATE7
ARATE6
ARATE5
ARATE4
ARATE3
ARATE2
ARATE1
ARATE0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com