Electronic Components Datasheet Search
  English  ▼

X  

PM3390 Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM3390
Description  Octal EXACT??Bus Switch Matrix
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM3390 Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM3390 Datasheet HTML 1Page - PMC-Sierra, Inc PM3390 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PMC-980237 (R5)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
© 1999 PMC-Sierra, Inc.
PMC-Sierra,Inc.
Octal EXACT™ Bus Switch Matrix
PM3390
FEATURES
• Sixteen Gbit/s, protocol-independent
switching matrix expandable to 32 Gbit/s.
• Provides eight gigabit, full-duplex
EXACT™ Bus ports that each support an
EXACT switch port controller.
• Provides non-blocking connection
between eight EXACT Bus (Ethernet
Switching, Access, Control, and
Termination) rings.
• Supports non-blocking connections
between sixteen EXACT Bus rings to
provide a system bandwidth of
32 Gbit/s using four PM3390 devices.
• Destination lookup table maps logical
EXACT ports to physical PM3390 ports.
Destination lookup table can be
dynamically allocated.
• Provides visibility into internal dataflow to
allow external flow control in systems that
do not use the EXACT Bus link protocol.
• Each chip supports the EXACT Bus
Protocol, which is a 10-bit,
unidirectional insertion ring running at
125 MHz or 135 MHz.
• EXACT Bus ports allow simple box-to-
box, card-to-card, or chip-to-chip
interconnect.
• 8B/10B EXACT Bus encoding is
compatible with Common Serialization
(SERDES) devices to allow serial
extension using coax or twinax cable.
• Management interface connects to an
off-chip microprocessor for access to
internal control registers.
COMPATIBILITY
• Interworks with the following EXACT
Chipset devices:
PM3370 Octal 10/100 Ethernet Switch
Port Controller with MII interfaces.
PM3380 Gigabit Ethernet Switch Port
Controller.
PACKAGING
• Provides a standard five signal
P1149.1 JTAG test port for boundary
scan board test purposes.
• Implemented in low power 3.3 V,
CMOS technology.
• Available in a 352-pin Ball Grid Array
(BGA) package.
APPLICATIONS
• High Bandwidth (16 to 32 Gbit/s)
Ethernet Switches that Support
Combinations of 10/100/1000 Ports.
• Multiprotocol Switch (Ethernet, ATM,
Packet Over SONET, FDDI, and TR)
• Modular Ethernet Switches.
• Fixed-configuration Ethernet Switches.
BLOCK DIAGRAM
8
× EXACT
Input Ports
8
× EXACT
Output Ports
Control
Interface
Management
Interface
4 Port
Expansion
Interface
Free List
Manager
Cell List
Manager
XRXD[9:0]
XRCLK
Per Port
Signals
XTXD[9:0]
XTCLK
Per Port
Signals
Expansion
Contol
JTAG
EXACT
8 Input
Buffers
Pipelined
Data
Mux
Pipelined
Data
Mux
Cell
Central
Store
EXACT
8 Output
Buffers


Similar Part No. - PM3390

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
PM330-10VE PREMO-PM330-10VE Datasheet
378Kb / 5P
Common mode chokes with Ferrite cores
logo
Shanghai Shunye Electro...
PM3302 SHUNYE-PM3302 Datasheet
1Mb / 9P
BCMPower Factor Correction Control Driver
2019-9-18 V1.0
PM3303 SHUNYE-PM3303 Datasheet
1Mb / 8P
BCMPower Factor Correction Control Driver
2021-9-28 V1.0
PM3304D SHUNYE-PM3304D Datasheet
936Kb / 7P
BCM Power Factor Correction Control Driver
2023-08-03 V1.0
logo
Bourns Electronic Solut...
PM3308-100M-RC BOURNS-PM3308-100M-RC Datasheet
227Kb / 3P
PM3308 Series - SMD Power Inductors
More results

Similar Description - PM3390

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MB3245FK TOSHIBA-TC7MB3245FK Datasheet
189Kb / 5P
OCTAL BUS SWITCH
TC7MBD3244FK TOSHIBA-TC7MBD3244FK Datasheet
226Kb / 7P
OCTAL BUS SWITCH
TC7MBD3245FK TOSHIBA-TC7MBD3245FK Datasheet
220Kb / 7P
OCTAL BUS SWITCH
logo
Fairchild Semiconductor
FST3244 FAIRCHILD-FST3244 Datasheet
111Kb / 5P
Octal Bus Switch
FST3245 FAIRCHILD-FST3245 Datasheet
110Kb / 6P
Octal Bus Switch
logo
Toshiba Semiconductor
TC7MB3244FK TOSHIBA-TC7MB3244FK_07 Datasheet
166Kb / 6P
Octal Bus Switch
TC7MBD3244AFK TOSHIBA-TC7MBD3244AFK Datasheet
197Kb / 7P
Octal Bus Switch
TC7MBD3245AFK TOSHIBA-TC7MBD3245AFK_07 Datasheet
178Kb / 7P
Octal Bus Switch
logo
NXP Semiconductors
CBT3245A PHILIPS-CBT3245A_15 Datasheet
383Kb / 16P
Octal bus switch
Rev. 3-5 January 2012
logo
Nexperia B.V. All right...
CBT3245A-Q100 NEXPERIA-CBT3245A-Q100 Datasheet
222Kb / 12P
Octal bus switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com