Electronic Components Datasheet Search
  English  ▼

X  

CCR Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # CCR
Description  Carbon Ceramic Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

CCR Datasheet(HTML) 1 Page - Welwyn Components Limited

  CCR Datasheet HTML 1Page - Welwyn Components Limited CCR Datasheet HTML 2Page - Welwyn Components Limited CCR Datasheet HTML 3Page - Welwyn Components Limited CCR Datasheet HTML 4Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Carbon Ceramic
Resistors
CCR Series
• Replacement for hot moulded
carbon composition
• High pulse voltage and energy capability
• Non-inductive
• Surface mount option
• UL94-V0 approved coating
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue C · 03.06
A subsidiary of
TT electronics plc
Welwyn Components
Dimensions (mm)
Type
L max
D max
D norm
F min
CCR 1
15.5
5.5
0.8
30
CCR series resistors are produced from a carbon ceramic
composite material, the composition of which is varied to
produce the required resistance value. The ceramic rods are
fitted with end caps to which are welded the termination
wires. Finally, a specially formulated high voltage epoxy
coating is applied and the resistors are marked.
The body protection and marking are resistant to all normal
industrial cleaning solvents suitable for printed circuits.
Electrical Data
* Tolerance applies to date of manufacture. As in all carbon composition parts value drift in storage is possible. This is typically 3%
in one year and 5% in 2 years.
Physical Data
Construction
Solvent Resistance
CCR series resistors are colour coded. Resistors with 20%
tolerance have three bands indicating value, and resistors with
5% and 10% tolerance have four bands indicating value and
tolerance in accordance with IEC62.
Marking
L
D
f
d
CCR 1
Power rating at 25°C
watts
1
Resistance range
ohms
220R – 22K
Maximum pulse voltage
volts
See pulse graphs
TCR
ppm/°C
<1K0 : -700±200
≥1K0 : -1000±300
Resistance Tolerance
%
10 or 20 *
Standard Values
E12
Ambient temperature range
°C
-40 to 80
Thermal Impedance
°C/W
100


Similar Part No. - CCR

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
CCR CYNERGY3-CCR Datasheet
551Kb / 1P
Rectifier Die, Glass Passivated Junction Protection for Superior Blocking Voltage and Stability
logo
Token Electronics Indus...
CCR TOKEN-CCR Datasheet
575Kb / 6P
Carbon Composition Resistors
logo
TT Electronics.
CCR TTELEC-CCR Datasheet
281Kb / 4P
Ceasrbisotonr Cseramic Resistors
03.06
logo
List of Unclassifed Man...
CCR-33 ETC1-CCR-33 Datasheet
194Kb / 2P
Miniature DC-18GHz SPDT Switch
logo
Teledyne Technologies I...
CCR-33K TELEDYNE-CCR-33K Datasheet
507Kb / 7P
Failsafe SPDT Coaxial Switch
More results

Similar Description - CCR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
30BJ250-1K ETC2-30BJ250-1K Datasheet
85Kb / 3P
Carbon Composition Resistors
logo
MERITEK ELECTRONICS COR...
CF25103JTR MERITEK-CF25103JTR Datasheet
86Kb / 1P
Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S1TJ102V PANASONIC-ERD-S1TJ102V Datasheet
221Kb / 7P
Carbon Film Resistors
ERD-S2TJ753V PANASONIC-ERD-S2TJ753V Datasheet
163Kb / 7P
Carbon Film Resistors
logo
Tyco Electronics
4-1625876-8 MACOM-4-1625876-8 Datasheet
69Kb / 1P
Carbon Composition Resistors
logo
UNIOHM CORPORATION
CR-12 UNIOHM-CR-12 Datasheet
4Mb / 3P
Carbon Film Resistors
logo
Panasonic Semiconductor
ERD-S2TJ222V PANASONIC-ERD-S2TJ222V Datasheet
165Kb / 7P
Carbon Film Resistors
ERD-S2TJ561V PANASONIC-ERD-S2TJ561V Datasheet
165Kb / 7P
Carbon Film Resistors
ERD-S2TJ102V PANASONIC-ERD-S2TJ102V Datasheet
165Kb / 7P
Carbon Film Resistors
logo
TT Electronics.
CC1-6K8KB24 TTELEC-CC1-6K8KB24 Datasheet
293Kb / 3P
Carbon Composition Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com