Electronic Components Datasheet Search
  English  ▼

X  

DSC Datasheet(PDF) 5 Page - Welwyn Components Limited

Part # DSC
Description  Double-Sided Chip Resistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

DSC Datasheet(HTML) 5 Page - Welwyn Components Limited

  DSC Datasheet HTML 1Page - Welwyn Components Limited DSC Datasheet HTML 2Page - Welwyn Components Limited DSC Datasheet HTML 3Page - Welwyn Components Limited DSC Datasheet HTML 4Page - Welwyn Components Limited DSC Datasheet HTML 5Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Type
DSC
2512
-
10K
F
T 1 8
Size
Value (use IEC62 code)
Tolerance (use IEC62 code)
Packing
D
0.5%
F1%
J5%
T3
Tape
1206 or 2010
3000/reel
Standard
T18
2512
1800/reel
Ordering Procedure
Double Sided
Chip Resistors
DSC Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue B · 01.06
Welwyn Components
Application Notes
DSC resistors are ideally suited for handling by automatic
methods due to their rectangular shape and the small
dimensional tolerances. Electrical connection to a ceramic
substrate or to a printed circuit board can be made by reflow
or wave soldering of wrap-around terminations.
Wrap-around terminations provide good leach properties and
ensure reliable contact. Due to the robust construction, the
DSC can be immersed in the solder bath for 30 seconds at
260°C. This enables the resistor to be mounted on one side
Specify type reference etc as shown in this example of DSC2512 10K ohms 1%.
of a printed circuit board and wire-leaded components
applied on the other side. DSC is compatible with typical
Pb-free soldering materials and temperature profiles
DSC resistors themselves can operate at a maximum
temperature of 155°C. For soldered resistors, the joint
temperature should not exceed 110°C. This condition is met
when the stated power levels at 70°C and recommended
pad and trace areas are used. Allowance should be made
if smaller areas of copper are used.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com