Electronic Components Datasheet Search
  English  ▼

X  

PM4314 Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # PM4314
Description  QUAD T1/E1 LINE INTERFACE DEVICE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4314 Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM4314 Datasheet HTML 1Page - PMC-Sierra, Inc PM4314 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Head Office:
PMC-Sierra, Inc.
#105 - 8555 Baxter Place
Burnaby, B.C. V5A 4V7
Canada
Tel: 604.415.6000
Fax: 604.415.6200
PM4314 QDSX
Quad T1/E1 Line Interface Unit
To order documentation,
send email to:
document@pmc-sierra.com
or contact the head office,
Attn: Document Coordinator
All product documentation is
available on our web site at:
http://www.pmc-sierra.com
For corporate information,
send email to:
info@pmc-sierra.com
PMC-941034 (R6)
© 1998 PMC-Sierra, Inc.
October, 1998
FREEDM-8, SATURN, SCI-PHY, and
S/UNI-MPH are trademarks
of PMC-Sierra, Inc.
TYPICAL APPLICATIONS
HIGH DENSITY HDLC APPLICATION
T1 OR E1 MULTI-PHY ATM UNI
PM4314
4'6;
Quad
T1/E1 LIU
Processor
4
PCI Bus
Packet
Memory
PM6344
(48$'
Quad
E1 Framer
4
4
(Fully Channelized
(Mixed Channelized and Unchannelized
PM4344
748$'
Quad
T1 Framer
PM6388
(2&7/
Octal
E1 Framer
PM4388
72&7/
Octal
T1 Framer
PM4314
4'6;
Quad
T1/E1 LIU
PM4314
4'6;
Quad
T1/E1 LIU
PM7366
)5(('0Ù
Frame Engine
and Datalink
Manager
PM4314
4'6;
Quad
T1/E1 LIU
PM7344
681,03+Ù
Quad T1/E1
Multi-PHY User-
Network Interface
DSX-1 or E1
Analog
Interfaces
Crystal Oscillator Clock
37.056 MHz
UTOPIA or
SCI-PHY
™
Multi-PHY
ATM Cell Bus
Or 12.352 MHz
1.544 MHz Transmit Reference Clock
Generic Microprocessor Bus



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com