Electronic Components Datasheet Search
  English  ▼

X  

Z0107MN Datasheet(PDF) 4 Page - NXP Semiconductors

Part # Z0107MN
Description  Triacs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

Z0107MN Datasheet(HTML) 4 Page - NXP Semiconductors

  Z0107MN Datasheet HTML 1Page - NXP Semiconductors Z0107MN Datasheet HTML 2Page - NXP Semiconductors Z0107MN Datasheet HTML 3Page - NXP Semiconductors Z0107MN Datasheet HTML 4Page - NXP Semiconductors Z0107MN Datasheet HTML 5Page - NXP Semiconductors Z0107MN Datasheet HTML 6Page - NXP Semiconductors Z0107MN Datasheet HTML 7Page - NXP Semiconductors Z0107MN Datasheet HTML 8Page - NXP Semiconductors Z0107MN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Z0103/07/09 series
Triacs
Product data
Rev. 02 — 12 September 2002
4 of 12
9397 750 10102
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
5.
Thermal characteristics
5.1 Transient thermal impedance
Table 4:
Thermal characteristics
Symbol
Parameter
Conditions
Min Typ Max Unit
Rth(j-sp)
thermal resistance from junction to solder
point for SOT223
Figure 5
--25
K/W
Rth(j-lead)
thermal resistance from junction to lead for
SOT54B (TO-92)
Figure 5
--60
K/W
Rth(j-a)
thermal resistance from junction to ambient
SOT223
minimum footprint; mounted on a PCB
-
60
-
K/W
SOT54B (TO-92)
vertical in free air
-
150 -
K/W
for SOT54B (TO-92)
for SOT223
Fig 5.
Transient thermal impedance from junction to lead and junction to solder point as a function of pulse
duration.
a
110
102
103
10-1
10-2
10-3
10-4
10-5
tp (s)
10
1
10-1
10-2
10-3
10-4
SOT223
SOT54B
003aaa206
a
Z
th j
lead
–
()
R
th j
lead
–
()
---------------------------
=
a
Z
th j
sp
–
()
R
th j
sp
–
()
-----------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com