Electronic Components Datasheet Search
  English  ▼

X  

LR2010 Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # LR2010
Description  Low Value Flat Chip Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

LR2010 Datasheet(HTML) 1 Page - Welwyn Components Limited

  LR2010 Datasheet HTML 1Page - Welwyn Components Limited LR2010 Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
H
L
D
D1
W
H
W
D
L
Protective Overcoat
Resistive Element
Copper Termination
Solder Plating
Nickel Barrier Layer
Alumina Substrate
Copper Wraparound
Termination
LR 1225
LR 1206 / 2010 / 2512
Low Value Flat
Chip Resistor
LRC/LRF Series
• Standard 2512, 2010 and 1206 sizes
• Resistance values down to 0.003 ohms
• Leach resistant solder-plated copper
wrap-around termination
• Low inductance - less than 0.2nH
• Standard EIA Tape - 1206 = 8mm; 2010 or
2512 = 12mm
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Physical Data
Issue E · 12.04
A subsidiary of
TT electronics plc
Welwyn Components
23
LR1206
LR2010
LR2512
Power rating at 70°C
watts
0.5
1.0
1.5/2.0*
Resistance range
ohms
0R010 to 1R
0R003 to 1R
0R003 to 1R
Dielectric withstanding voltage
volts
200
200
200
TCR
ppm/°C
±100 (Contact factory for value below 0.050 ohms)
Resistance tolerance
%
≤R005 5%, >R005 1, 2, 5%
Temperature rise at rated power
°C
40
80
90
Pad and trace area for max power rating @ 70°C
mm2
30
30
100
*2 Watts with total solder pad and trace size of 300 mm
2
Dimensions (mm)
Size
L
W
H (max)
D
D1
LR1206
3.20±0.305
1.63±0.203
0.8
0.48±0.25
0.48±0.25
LR2010
5.23±0.38
2.64±0.25
0.8
0.48±0.25
0.48±0.25
LR2512
6.50±0.38
3.25±0.25
0.8
0.48±0.25
0.48±0.25
LRC-LRF_E.qxd
12/23/04
10:07 AM
Page 1


Similar Part No. - LR2010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LR2010 ETC2-LR2010 Datasheet
469Kb / 2P
Low Value Flat Chip Resistor
LR2010 ETC-LR2010 Datasheet
1Mb / 3P
METAL ALLOY LOW-VALUE RESISTORS
logo
TT Electronics.
LR2010 TTELEC-LR2010 Datasheet
766Kb / 2P
Low Value Flat cChip Resistor
LR2010 TTELEC-LR2010 Datasheet
814Kb / 2P
Low Value Flat Chip Resistor
09.18
LR2010-E24FPB TTELEC-LR2010-E24FPB Datasheet
814Kb / 2P
Low Value Flat Chip Resistor
09.18
More results

Similar Description - LR2010

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
LR1206 WELWYN-LR1206_04 Datasheet
537Kb / 2P
Low Value Flat Chip Resistor
logo
Bi technologies
LR2010-R10FW BITECH-LR2010-R10FW Datasheet
344Kb / 2P
Low Value Flat Chip Resistor
logo
List of Unclassifed Man...
HTC210M ETC-HTC210M Datasheet
125Kb / 1P
Low Value Flat Chip Resistor
LRF2512-R025FW ETC-LRF2512-R025FW Datasheet
344Kb / 2P
Low Value Flat Chip Resistor
LR1206-R10FI ETC2-LR1206-R10FI Datasheet
344Kb / 2P
Low Value Flat Chip Resistor
LR2512-R10FW ETC2-LR2512-R10FW Datasheet
344Kb / 2P
Low Value Flat Chip Resistor
LQW2BHN6N8D03L ETC2-LQW2BHN6N8D03L Datasheet
469Kb / 2P
Low Value Flat Chip Resistor
LR2512-R05FW ETC2-LR2512-R05FW Datasheet
469Kb / 2P
Low Value Flat Chip Resistor
logo
TT Electronics.
LRC-LR1206LF-01 TTELEC-LRC-LR1206LF-01 Datasheet
571Kb / 2P
Low Value Flat Chip Resistor
LRC-LR2010LF-01 TTELEC-LRC-LR2010LF-01 Datasheet
571Kb / 2P
Low Value Flat Chip Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com