Electronic Components Datasheet Search
  English  ▼

X  

ICS950811 Datasheet(PDF) 14 Page - Integrated Circuit Systems

Part # ICS950811
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950811 Datasheet(HTML) 14 Page - Integrated Circuit Systems

Back Button ICS950811 Datasheet HTML 10Page - Integrated Circuit Systems ICS950811 Datasheet HTML 11Page - Integrated Circuit Systems ICS950811 Datasheet HTML 12Page - Integrated Circuit Systems ICS950811 Datasheet HTML 13Page - Integrated Circuit Systems ICS950811 Datasheet HTML 14Page - Integrated Circuit Systems ICS950811 Datasheet HTML 15Page - Integrated Circuit Systems ICS950811 Datasheet HTML 16Page - Integrated Circuit Systems ICS950811 Datasheet HTML 17Page - Integrated Circuit Systems ICS950811 Datasheet HTML 18Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
ICS950811
0482E—08/09/07
Assertion of PCI_STOP# Waveforms
PCI_STOP# - Assertion (transition from logic "1" to logic "0")
CPU_STOP#
CPUT
CPUC
CPU_STOP# - Assertion (transition from logic "1" to logic "0")
Assertion of CPU_STOP# Waveforms
CPU_STOP# Functionality
#
P
O
T
S
_
U
P
CT
U
P
CC
U
P
C
1l
a
m
r
o
Nl
a
m
r
o
N
0t
l
u
M
*
f
e
r
it
a
o
l
F
PCI_STOP#
PCI_F[2:0] 33MHz
PCI[6:0] 33MHz
tsu
The impact of asserting the PCI_STOP# signal will be the following. All PCI[6:0] and stoppable PCI_F[2,0] clocks will
latch low in their next high to low transition. The PCI_STOP# setup time tsu is 10 ns, for transitions to be recognized
by the next rising edge.
The impact of asserting the CPU_STOP# pin is all CPU outputs that are set in the I
2C configuration to be stoppable
via assertion of CPU_STOP# are to be stopped after their next transition following the two CPU clock edge sampling
as shown. The final state of the stopped CPU signals is CPUT=High and CPUC=Low. There is to be no change to the
output drive current values. The CPUT will be driven high with a current value equal to (MULTSEL0) X (I REF), the CPUC
signal will not be driven.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com