Electronic Components Datasheet Search
  English  ▼

X  

ICS8741004 Datasheet(PDF) 11 Page - Integrated Device Technology

Part # ICS8741004
Description  DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS8741004 Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button ICS8741004 Datasheet HTML 7Page - Integrated Device Technology ICS8741004 Datasheet HTML 8Page - Integrated Device Technology ICS8741004 Datasheet HTML 9Page - Integrated Device Technology ICS8741004 Datasheet HTML 10Page - Integrated Device Technology ICS8741004 Datasheet HTML 11Page - Integrated Device Technology ICS8741004 Datasheet HTML 12Page - Integrated Device Technology ICS8741004 Datasheet HTML 13Page - Integrated Device Technology ICS8741004 Datasheet HTML 14Page - Integrated Device Technology ICS8741004 Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ICS8741004
DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS™ JITTER ATTENUATOR
IDT™ / ICS™ PCI EXPRESS™ JITTER ATTENUATOR
11
ICS8741004AG REV. AAUGUST 3, 2007
Recommendations for Unused Input and Output Pins
Inputs:
LVCMOS Control Pins
All control pins have internal pull-ups or pull-downs; additional
resistance is not required but can be added for additional
protection. A 1k
Ω resistor can be used.
Outputs:
Differential Outputs
All unused differential outputs can be left floating. We recommend
that there is no trace attached. Both sides of the differential output
pair should either be left floating or terminated.
LVDS Outputs
All unused LVDS output pairs can be either left floating or
terminated with 100
Ω across. If they are left floating, we
recommend that there is no trace attached.
LVDS Driver Termination
A general LVDS interface is shown in Figure 4. In a 100
Ω
differential transmission line environment, LVDS drivers require a
matched load termination of 100
Ω across near the receiver input.
For a multiple LVDS outputs buffer, if only partial outputs are used,
it is recommended to terminate the unused outputs.
Figure 4. Typical LVDS Driver Termination
3.3V
LVDS Driver
R1
100
Ω
–
+
3.3V
50
Ω
50
Ω
100
Ω Differential Transmission Line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com