Electronic Components Datasheet Search
  English  ▼

X  

ICS9FG108 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # ICS9FG108
Description  Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS9FG108 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button ICS9FG108 Datasheet HTML 4Page - Integrated Device Technology ICS9FG108 Datasheet HTML 5Page - Integrated Device Technology ICS9FG108 Datasheet HTML 6Page - Integrated Device Technology ICS9FG108 Datasheet HTML 7Page - Integrated Device Technology ICS9FG108 Datasheet HTML 8Page - Integrated Device Technology ICS9FG108 Datasheet HTML 9Page - Integrated Device Technology ICS9FG108 Datasheet HTML 10Page - Integrated Device Technology ICS9FG108 Datasheet HTML 11Page - Integrated Device Technology ICS9FG108 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
IDTTM/ICSTM
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
ICS9FG108
REV G 04/06/07
ICS9FG108
Frequency Generator for CPU, QPI, FBD, PCIe Gen 2 & SATA
8
SMBus Table: Byte Count Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
BC7
RW
-
-
0
Bit 6
BC6
RW
-
-
0
Bit 5
BC5
RW
-
-
0
Bit 4
BC4
RW
-
-
0
Bit 3
BC3
RW
-
-
0
Bit 2
BC2
RW
-
-
1
Bit 1
BC1
RW
-
-
1
Bit 0
BC0
RW
-
-
1
SMBus Table: Reserved Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
X
Bit 6
X
Bit 5
X
Bit 4
X
Bit 3
X
Bit 2
X
Bit 1
X
Bit 0
X
SMBus Table: Reserved Register
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
X
Bit 6
X
Bit 5
X
Bit 4
X
Bit 3
X
Bit 2
X
Bit 1
X
Bit 0
X
SMBus Table: M/N Programming Enable
Pin #
Name
Control Function
Type0
1
PWD
Bit 7
M/N_EN
PLL M/N Programming
Enable
RW
Disable
Enable
0
Bit 6
OE_Polarity
Select Polarity of OE inputs
RW
OE#
OE
1
Bit 5
REFOUT_En
Enables/Disables REF
RW
Disable
Enable
1
Bit 4
0
Bit 3
0
Bit 2
0
Bit 1
0
Bit 0
0
Byte 6
Writing to this register will
configure how many bytes
will be read back, default is
07 = 7 bytes.
-
-
-
-
-
-
-
-
5
Reserved
Byte 9
-
-
Reserved
Reserved
Reserved
Reserved
Byte 7
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Byte 8
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com