Electronic Components Datasheet Search
  English  ▼

X  

MFR Datasheet(PDF) 4 Page - Welwyn Components Limited

Part # MFR
Description  Metal Film Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

MFR Datasheet(HTML) 4 Page - Welwyn Components Limited

  MFR Datasheet HTML 1Page - Welwyn Components Limited MFR Datasheet HTML 2Page - Welwyn Components Limited MFR Datasheet HTML 3Page - Welwyn Components Limited MFR Datasheet HTML 4Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Type
Value (use IEC62 code)
Tolerance (use IEC62 code)
Ordering Procedure
Example: Professional grade MFR4 at 4.7 kilohms and 1% tolerance in ammo pack box of 5000 pieces -
Metal Film Resistors
MFR4 - 4K7 F I
C
MFR3, MFR4
MFR5
MFR4
MFR5
* For CECC released product state on order the CECC number and style.
Example: MFR4-4K7FI CECC40101-019 FZ
0.5%
1%
2%
D
F
G
Packing / Grade
Issue D . 05.07
© Welwyn Components Limited Bedlington Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 Facsimile: +44 (0) 1670 829465 Email: info@welwyn-tt.com Website: www.welwyn-tt.com
I
Ammo
5000/box
2500/box
5000/box
2500/box
CECC release is not available for commercial grade
CECC release is optionally available for professional grade *
MFR Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com