Electronic Components Datasheet Search
  English  ▼

X  

PFC Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # PFC
Description  TaNFilm짰 Precision Chip Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

PFC Datasheet(HTML) 1 Page - Welwyn Components Limited

  PFC Datasheet HTML 1Page - Welwyn Components Limited PFC Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TaNFilm
® Precision
Chip Resistors
PFC Series
Military parts available: MIL-PRF - 55342
Passivated TaNFilm® element
Wrap-around termination
TCR to ±10 ppm/°C
Tolerance to ±0.02%
Leach resistant nickel barrier termination
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Issue D · 10.03
A subsidiary of
TT electronics plc
Welwyn Components
W0603
W0805
W1206
Power Rating at 70°C
watts
0.1
0.25
0.33
Maximum Voltage Rating
volts
75
100
200
Operating Temperature Range
°C
-55°C to +150°C
Noise
dB
Less than -25
Substrate
High purity alumina
25
The TaNFilm® PFC chip resistor series provides the high
temperature and ultra stable performance of our Tantalum
Nitride Resistive Film System in 1206, 0805 and 0603 sizes.
The unique characteristics of the passivated Tantalum Nitride
film insure long term life stability and superior moisture
performance.
Specially selected materials and processes insure initial
precision is maintained in the harshest surface mount
soldering environment. Solder coated wrap-around
terminations with leach-resistant nickel barriers insure high
integrity solder connections. A MIL-PRF-55342 qualified
version of this product is also available.
W0603
W0805
W1206
TCR
Ohmic
Available
Ohmic
Available
Ohmic
Available
(ppm/°C)
Range
Tolerances
Range
Tolerances
Range
Tolerances
±100
5 - 100K
J, G, F, D
5 - 267K
J, G, F, D
5 - 1M
J, G, F, D
±50
5 - 100K
J, G, F, D, B
10 - 267K
J, G, F, D, B
10 - 1M
J, G, F, D, B
10 - 75K
J, G, F, D, B
10 - 267K
J, G, F, D, B
10 - 1M
J, G, F, D, B
±25
50 - 100K
J, G, F, D, B, A
50 - 267K
J, G, F, D, B, A
50 - 1M
J, G, F, D, B, A
201 - 267K
J, G, F, D, B, A, Q
201 - 1M
J, G, F, D, B, A, Q
±15
N/A
N/A
50 - 267K
J, G, F, D, B, A
50 - 1M
J, G, F, D, B, A
201 - 267K
J, G, F, D, B, A, Q
201 - 1M
J, G, F, D, B, A, Q
±10
N/A
N/A
100 - 100K
J, G, F, D, B, A
100 - 250K
J, G, F, D, B, A
Manufacturing Capabilities
PFC_D.qxd
1/10/03
1:16 PM
Page 1


Similar Part No. - PFC

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PFC RIEDON-PFC Datasheet
291Kb / 3P
Thick Film Power SMD Resistors
logo
TT Electronics.
PFC TTELEC-PFC Datasheet
714Kb / 3P
MIL screening available
PFC TTELEC-PFC Datasheet
839Kb / 3P
Precision Thin Film Chip Resistors
10.18
PFC TTELEC-PFC Datasheet
681Kb / 3P
Precision Thin Film Chip Resistors
09.18
logo
RSG Electronic Componen...
PFC-1000 RSG-PFC-1000 Datasheet
272Kb / 6P
450W/650W/1000W Modular Power
More results

Similar Description - PFC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC02 ETC1-RC02 Datasheet
644Kb / 15P
Precision chip resistors
logo
Welwyn Components Limit...
PFCHT WELWYN-PFCHT Datasheet
168Kb / 2P
High Temperature TaNFilm짰 Chip Resistors
SON WELWYN-SON Datasheet
351Kb / 3P
TaNFilm짰 Flat Precision Resistor Array
logo
Willow Technologies Ltd
CMF0603 WILLOW-CMF0603 Datasheet
333Kb / 2P
Precision Chip Resistors
logo
Riedon Powertron
CMF0603 RIEDON-CMF0603 Datasheet
264Kb / 2P
Precision Chip Resistors
logo
IRC - a TT electronics ...
8900 IRCTT-8900 Datasheet
260Kb / 4P
TaNFilm짰 Precision Flat Pack Networks
CCN IRCTT-CCN Datasheet
160Kb / 4P
TaNFilm짰 Chip Carrier Resistor Network
logo
Riedon Powertron
CMF0603 RIEDON-CMF0603_13 Datasheet
168Kb / 2P
Precision Chip Resistors
logo
Bourns Electronic Solut...
CRP0603-BZ-7871ELF BOURNS-CRP0603-BZ-7871ELF Datasheet
217Kb / 3P
Precision Chip Resistors
logo
List of Unclassifed Man...
SMV ETC-SMV Datasheet
640Kb / 1P
PRECISION SHUNT CHIP RESISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com