Electronic Components Datasheet Search
  English  ▼

X  

PM4328-PI Datasheet(PDF) 39 Page - PMC-Sierra, Inc

Part # PM4328-PI
Description  HIGH DENSITY T1/E1 FRAMER WITH INTEGRATED M13 MULTIPLEXER
PDF  250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4328-PI Datasheet(HTML) 39 Page - PMC-Sierra, Inc

Back Button PM4328-PI Datasheet HTML 35Page - PMC-Sierra, Inc PM4328-PI Datasheet HTML 36Page - PMC-Sierra, Inc PM4328-PI Datasheet HTML 37Page - PMC-Sierra, Inc PM4328-PI Datasheet HTML 38Page - PMC-Sierra, Inc PM4328-PI Datasheet HTML 39Page - PMC-Sierra, Inc PM4328-PI Datasheet HTML 40Page - PMC-Sierra, Inc PM4328-PI Datasheet HTML 41Page - PMC-Sierra, Inc PM4328-PI Datasheet HTML 42Page - PMC-Sierra, Inc PM4328-PI Datasheet HTML 43Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 250 page
background image
STANDARD PRODUCT
PM4328 TECT3
DATASHEET
PMC-2011596
ISSUE 1
HIGH DENSITY T1/E1 FRAMER
AND M13 MULTIPLEXER
PROPRIETARY AND CONFIDENTIAL
26
8
PIN DESCRIPTION
Pin Name
Type
Pin
No.
Function
DS3 Line Side Interface
RCLK
Input
W5 Receive Input Clock (RCLK). RCLK provides the
receive direction timing. RCLK is a DS3, nominally a
44.736 MHz, 50% duty cycle clock input.
RPOS/RDAT
Input
Y7
Positive Input Pulse (RPOS). RPOS represents the
positive pulses received on the B3ZS-encoded DS3
when dual rail input format is selected.
Receive Data Input (RDAT). RDAT represents the
NRZ (unipolar) DS3 input data stream when single rail
input format is selected.
RPOS and RDAT are sampled on the rising edge of
RCLK by default and may be enabled to be sampled
on the falling edge of RCLK by setting the RFALL bit in
the DS3 Master Receive Line Options register.
RNEG/RLCV
Input
AB6 Negative Input Pulse (RNEG). RNEG represents the
negative pulses received on the B3ZS-encoded DS3
when dual rail input format is selected.
Line code violation (RLCV). RLCV represents receive
line code violations when single rail input format is
selected.
RNEG and RLCV are sampled on the rising edge of
RCLK by default and may be enabled to be sampled
on the falling edge of RCLK by setting the RFALL bit in
the DS3 Master Receive Line Options register.
TCLK
Output AA7 Transmit Clock (TCLK). TCLK provides timing for
circuitry downstream of the DS3 transmitter of the
TECT3. TCLK is nominally a 44.736 MHz, 50% duty
cycle clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com