Electronic Components Datasheet Search
  English  ▼

X  

STAC9228 Datasheet(PDF) 45 Page - Integrated Device Technology

Part # STAC9228
Description  8-CHANNEL HIGH DEFINITION AUDIO CODEC
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9228 Datasheet(HTML) 45 Page - Integrated Device Technology

Back Button STAC9228 Datasheet HTML 41Page - Integrated Device Technology STAC9228 Datasheet HTML 42Page - Integrated Device Technology STAC9228 Datasheet HTML 43Page - Integrated Device Technology STAC9228 Datasheet HTML 44Page - Integrated Device Technology STAC9228 Datasheet HTML 45Page - Integrated Device Technology STAC9228 Datasheet HTML 46Page - Integrated Device Technology STAC9228 Datasheet HTML 47Page - Integrated Device Technology STAC9228 Datasheet HTML 48Page - Integrated Device Technology STAC9228 Datasheet HTML 49Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 237 page
background image
STAC9227/9228/9229/9230
8-CHANNEL HIGH DEFINITION AUDIO CODEC
PC AUDIO
IDT™
8-CHANNEL HIGH DEFINITION AUDIO CODEC
45
STAC9227/9228/9229/9230V 1.0 MARCH 2007
IDT CONFIDENTIAL
6.2.14. AFG GPIOEn
[1]
Data1
RW
0x0
Data for GPIO1. If this GPIO bit is
configured as Sticky (edge-sensitive) input,
it can be cleared by writing zero (one) here
when the corresponding Polarity Control bit
is zero (one).
[0]
Data0
RW
0x0
Data for GPIO0. If this GPIO bit is
configured as Sticky (edge-sensitive) input,
it can be cleared by writing zero (one) here
when the corresponding Polarity Control bit
is zero (one).
Table 39. AFG GPIOEn
Command Verb Format
Verb ID
Payload
Response
Get
F16
00
See bitfield table.
Set1
716
See bits [7:0] of bitfield table.
0000_0000h
Table 40. AFG GPIOEn
Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:5]
Rsvd
R
0x0
Reserved
[4]
Mask4
RW
0x0
Enable for GPIO4:
0 = pin is disabled (Hi-Z state);
1 = pin is enabled; behavior determined by
GPIO Direction control
[3]
Mask3
RW
0x0
Enable for GPIO3:
0 = pin is disabled (Hi-Z state);
1 = pin is enabled; behavior determined by
GPIO Direction control
[2]
Mask2
RW
0x0
Enable for GPIO2:
0 = pin is disabled (Hi-Z state);
1 = pin is enabled; behavior determined by
GPIO Direction control
Table 38. AFG GPIO
Command Response Format
Bit
Bitfield Name
RW
Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com