Electronic Components Datasheet Search
  English  ▼

X  

PM4341A Datasheet(PDF) 2 Page - PMC-Sierra, Inc

Part # PM4341A
Description  T1 TRANSCEIVER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM4341A Datasheet(HTML) 2 Page - PMC-Sierra, Inc

  PM4341A Datasheet HTML 1Page - PMC-Sierra, Inc PM4341A Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
T1 TRANSCEIVER
All product documentation is
available on our web site at:
http://www.pmc-sierra.com
For corporate information,
send email to:
info@pmc-sierra.com
Head Office:
PMC-Sierra, Inc.
Suite 105 - 8555 Baxter Place
Burnaby, B.C. V5A 4V7
Canada
Tel: 604.415.6000
Fax: 604.415.6200
To order documentation,
send email to:
document@pmc-sierra.com
or contact the head office,
Attn:Document Coordinator
PMC-920108(R7)
© 1998
PMC-Sierra, Inc.
March, 1998
PM4341A T1XC
Summary Information
TYPICAL APPLICATIONS:
1/0 CROSS-CONNECT WITH DSX-1 INTERFACE:
FULLY CHANNELIZED QUAD DS1 HDLC CARD:
Digital Crosspoint
Sw itch
P M 434 1A
T1X C
PM C
P M 4341A
T1X C
PM C
P M 4341A
T1X C
PM C
P M 4341A
T1X C
PM C
PM 4341A
T1XC
PM C
Packet
Memo ry
Processor
PC I Bus
PM 7366
FR EED M -8
HD LC
C ontrolle r
PM C
PM 4341A
T1XC
PM C
PM 4341A
T1XC
PM C
DS1
DS1
DS1
PM 4341A
T1XC
PM C
DS1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com