Electronic Components Datasheet Search
  English  ▼

X  

ICS97ULP877A Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS97ULP877A
Description  1.8V Low-Power Wide-Range Frequency Clock Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS97ULP877A Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS97ULP877A Datasheet HTML 4Page - Integrated Circuit Systems ICS97ULP877A Datasheet HTML 5Page - Integrated Circuit Systems ICS97ULP877A Datasheet HTML 6Page - Integrated Circuit Systems ICS97ULP877A Datasheet HTML 7Page - Integrated Circuit Systems ICS97ULP877A Datasheet HTML 8Page - Integrated Circuit Systems ICS97ULP877A Datasheet HTML 9Page - Integrated Circuit Systems ICS97ULP877A Datasheet HTML 10Page - Integrated Circuit Systems ICS97ULP877A Datasheet HTML 11Page - Integrated Circuit Systems ICS97ULP877A Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
ICS97ULP877A
7116—03/27/07
VDD
ICS97ULP877A
GND
VCLK
VCLK
Z= 120
Ω
Z= 60
Ω
L = 2.97"
Z= 60
Ω
C = 10pF
C = 10pF
GND
SCOPE
R=1M
Ω
C=1pF
VTT
R=1M
Ω
C=1pF
L = 2.97"
GND
Z= 50
Ω
R=10
Ω
Z= 50
Ω
R=10
Ω
VTT
Note: VTT =GND
VDD/2
ICS97ULP877A
VDD/2
Yx, FB_OUTC
Yx, FB_OUTT
tC(n)
tC(n+1)
tJIT(CC) =tC(n) ±tC(n+1)
Parameter Measurement Information
IBIS Model Output Load
Output Load Test Circuit
Cycle-to-Cycle Jitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com