Electronic Components Datasheet Search
  English  ▼

X  

EB-TA1101B Datasheet(PDF) 9 Page - Tripath Technology Inc.

Part # EB-TA1101B
Description  Class-T Digital Audio Amplifier Evaluation Board using Digital Power ProcessingTM Technology
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

EB-TA1101B Datasheet(HTML) 9 Page - Tripath Technology Inc.

  EB-TA1101B Datasheet HTML 1Page - Tripath Technology Inc. EB-TA1101B Datasheet HTML 2Page - Tripath Technology Inc. EB-TA1101B Datasheet HTML 3Page - Tripath Technology Inc. EB-TA1101B Datasheet HTML 4Page - Tripath Technology Inc. EB-TA1101B Datasheet HTML 5Page - Tripath Technology Inc. EB-TA1101B Datasheet HTML 6Page - Tripath Technology Inc. EB-TA1101B Datasheet HTML 7Page - Tripath Technology Inc. EB-TA1101B Datasheet HTML 8Page - Tripath Technology Inc. EB-TA1101B Datasheet HTML 9Page - Tripath Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
EB-TA1101B Revision: E
Bill Of Materials
Quantity
Reference
Value
Description
Mfgr/Part#
COMMENT
2
R10,R9
10, 1/4W
Resistor
Zobel resistor
1
R7
8.2K, 1%
Resistor
4
R2, R4, R5, R6
20k
Resistor
Feedback resistor
1
R1
1Meg
Resistor
7
C6,C7,C16,C20,C26, C29, C30
0.1uF
Capacitor
6
C12, C13, C22,C25,C27,C28
0.47uF
Capacitor
main output filter cap
5
C8,C9,C10,C11,C21
1000pF
Capacitor
2
C23,C24
100pF
Capacitor
2
C18,C19
180uF,25V
Capacitor
Panasonic
HFQ
Low ESR, high temp aluminum elect.
2
C17,C5
1uF
Capacitor
2
C15,C14
2.2uF
Capacitor
Input coupling cap
4
L6,L7,L8,L9
10uH, 2A
Inductor
ISI RL622
or TOKO 8RDY
Output series inductor.
3
L1,L2,L5
FBM2125
Ferrite bead
Taiyo-yuden
FBMJ2125 HM330-T
Ferrite bead, 33ohms (100MHz)
4
D5,D6,D7,D8
MBRS130T3
Diode
On Semi
MBRS130T3
Output protection diode
1
U1
TA1101B
IC
Tripath
TA1101B
6
BN1, BN2, BN3, BN4, BN5, BN6
Connector
Johnson Components
101-09XX-001
PCB mount female banana
2
J3, J4
Connector
RCA input jack
2
J1, J2
Header
Header, 2-pin 0.1"



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com