Electronic Components Datasheet Search
  English  ▼

X  

3LA Datasheet(PDF) 1 Page - TUK Ltd

Part # 3LA
Description  Single and Double Gang Angled Back Boxes In Black
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

3LA Datasheet(HTML) 1 Page - TUK Ltd

  3LA Datasheet HTML 1Page - TUK Ltd 3LA Datasheet HTML 2Page - TUK Ltd 3LA Datasheet HTML 3Page - TUK Ltd 3LA Datasheet HTML 4Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Single and Double Gang Angled Back Boxes In Black
3LABk
3LAG2Bk
Single and Double Gang Angled Back Boxes (3LABk, 3LAG2Bk):
Our range of black angled back boxes provide a simple and stylish solution for corner mount applications,
suitable for use with standard UK single and double gang black and decorative faceplates. Ideal for use by
voice, data and multi-media installers.
Features:
•
Suitable for bench mounting installations or corner installations, these pattresses are designed to
accommodate standard 1 gang (86x86) and 2 gang (86x146) faceplates.
•
Angle provides ease of access and increased depth allowing for wider range of connectivity
•
Selection of mounting holes for ease of installation
•
Cable entry knockouts on all sides of the back box as well as the base for maximum flexibility
•
Suitable for use as a pedestal box
•
Supplied with mounting screws
Specifications:
•
Net weight (including primary packaging):
3LABk: 120g
3LAG2Bk: 140g
•
Dimensions:
3LABk: 86.4 x 115.85 x 73 mm (approx.)
3LAG2Bk: 146.4 x 115.85 x 73 mm (approx.)
•
Colour: Black (RAL 9011)
•
Material: Flame retardant ABS


Similar Part No. - 3LA

ManufacturerPart #DatasheetDescription
logo
TUK Ltd
3LA TUK-3LA Datasheet
3Mb / 4P
Single and Double Gang Angled Back Boxes:
20/07/2023
logo
Sanyo Semicon Device
3LA78040B SANYO-3LA78040B Datasheet
58Kb / 3P
The Vertical Deflection Output IC With Bus Control Support for TVs and CRT Display
logo
TUK Ltd
3LAG2 TUK-3LAG2 Datasheet
3Mb / 4P
Single and Double Gang Angled Back Boxes:
20/07/2023
More results

Similar Description - 3LA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A508 ETC2-A508 Datasheet
104Kb / 2P
Surface Mount Back Boxes
PA8037 ETC2-PA8037 Datasheet
1Mb / 16P
Rough-in outlet boxes with drywall punch and saw
AX101746 ETC2-AX101746 Datasheet
98Kb / 3P
Faceplates and Panels - MediaFlex Plate, Single gang
AX101747 ETC2-AX101747 Datasheet
99Kb / 3P
Faceplates and Panels - MediaFlex Plate, Single gang
AX101870 ETC2-AX101870 Datasheet
99Kb / 3P
Faceplates and Panels - MediaFlex Plate, Double gang
AX101871 ETC2-AX101871 Datasheet
99Kb / 3P
Faceplates and Panels - MediaFlex Plate, Double gang
AX102012 ETC2-AX102012 Datasheet
101Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 6-Port Double-Gang
logo
PANDUIT CORP.
KP-506A PANDUIT-KP-506A Datasheet
94Kb / 1P
Cable Tie Kits in Plastic Boxes and Bags
logo
Tripp Lite. All Rights ...
N042D-200-WH TRIPPLITE-N042D-200-WH Datasheet
156Kb / 2P
Double-Gang Faceplate, Decora Style - Vertical, White
N042U-WF2-2 TRIPPLITE-N042U-WF2-2 Datasheet
36Kb / 2P
Double-Gang UK-Style Gang Frame for Insert Modules, White
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com