Electronic Components Datasheet Search
  English  ▼

X  

3LA Datasheet(PDF) 1 Page - TUK Ltd

Part # 3LA
Description  Single and Double Gang Angled Back Boxes:
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

3LA Datasheet(HTML) 1 Page - TUK Ltd

  3LA Datasheet HTML 1Page - TUK Ltd 3LA Datasheet HTML 2Page - TUK Ltd 3LA Datasheet HTML 3Page - TUK Ltd 3LA Datasheet HTML 4Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Single and Double Gang Angled Back Boxes:
3LA
3LAG2
Single and Double Gang Angled Back Boxes (3LA, 3LAG2):
Our range of angled back boxes is a cost-effective solution for simple and stylish corner mount applications,
suitable for use with standard UK single and double gang faceplates. Ideal for use by voice and data
installers but also suitable for multi-media and mains electrical.
Features:
Suitable for bench mounting installations or corner installations, these pattresses are designed to
accommodate standard 1 gang (86x86) and 2 gang (86x146) faceplates.
Angle provides ease of access and increased depth allowing for wider range of connectivity
Selection of mounting holes for ease of installation
Cable entry knockouts on all sides of the back box as well as the base for maximum flexibility
Suitable for use as a pedestal box
Also available in black to order
Specifications:
Net weight (including primary packaging):
3LA: 120g
3LAG2: 140g
Dimensions:
3LA: 86.4 x 115.85 x 73 mm (approx.)
3LAG2: 146.4 x 115.85 x 73 mm (approx.)
Colour: White (RAL 9003)
Material: Flame retardant ABS


Similar Part No. - 3LA

ManufacturerPart #DatasheetDescription
logo
TUK Ltd
3LA TUK-3LA Datasheet
3Mb / 4P
Single and Double Gang Angled Back Boxes In Black
10/10/2024
logo
Sanyo Semicon Device
3LA78040B SANYO-3LA78040B Datasheet
58Kb / 3P
The Vertical Deflection Output IC With Bus Control Support for TVs and CRT Display
logo
TUK Ltd
3LAG2BK TUK-3LAG2BK Datasheet
3Mb / 4P
Single and Double Gang Angled Back Boxes In Black
10/10/2024
More results

Similar Description - 3LA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A508 ETC2-A508 Datasheet
104Kb / 2P
Surface Mount Back Boxes
AX101746 ETC2-AX101746 Datasheet
98Kb / 3P
Faceplates and Panels - MediaFlex Plate, Single gang
AX101747 ETC2-AX101747 Datasheet
99Kb / 3P
Faceplates and Panels - MediaFlex Plate, Single gang
AX101870 ETC2-AX101870 Datasheet
99Kb / 3P
Faceplates and Panels - MediaFlex Plate, Double gang
AX101871 ETC2-AX101871 Datasheet
99Kb / 3P
Faceplates and Panels - MediaFlex Plate, Double gang
AX102012 ETC2-AX102012 Datasheet
101Kb / 3P
Faceplates and Panels - KeyConnect Faceplates 6-Port Double-Gang
logo
Tripp Lite. All Rights ...
N042D-200-WH TRIPPLITE-N042D-200-WH Datasheet
156Kb / 2P
Double-Gang Faceplate, Decora Style - Vertical, White
N042U-WF1-2 TRIPPLITE-N042U-WF1-2 Datasheet
36Kb / 2P
Single-Gang UK-Style Gang Frame for Insert Modules, White
N042E-WF1 TRIPPLITE-N042E-WF1 Datasheet
38Kb / 2P
Single-Gang European-Style Gang Frame for Insert Modules, White
N042U-WF2-2 TRIPPLITE-N042U-WF2-2 Datasheet
36Kb / 2P
Double-Gang UK-Style Gang Frame for Insert Modules, White
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com