Electronic Components Datasheet Search
  English  ▼

X  

AAVDSL Datasheet(PDF) 1 Page - TUK Ltd

Part # AAVDSL
Description  VDSL2 Broadband Splitter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

AAVDSL Datasheet(HTML) 1 Page - TUK Ltd

  AAVDSL Datasheet HTML 1Page - TUK Ltd AAVDSL Datasheet HTML 2Page - TUK Ltd AAVDSL Datasheet HTML 3Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VDSL2 Broadband Splitter
VDSL2 Broadband Splitter (AAVDSL)
SIN 498 compliant high performance tailed VDSL2 microfilter
Features:
High specification unit manufactured to BT standard SIN 498 (also meets SIN 346)
Backwards compatible with VDSL and ADSL2
Suitable for use with caller ID service
Compact and robust
Enables simultaneous transmission of voice and data over a single analogue line
Specifications:
Weight: 46g approx.
Dimensions:
Length including cable: 200mm
Length of body: 58mm
Height: 23mm
Width: 43mm
Colour: White
Materials: ABS


Similar Part No. - AAVDSL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AAV001-11 ETC-AAV001-11 Datasheet
140Kb / 3P
Spin Valve GMR Bridge Sensor
AAV001-11 ETC2-AAV001-11 Datasheet
159Kb / 12P
Package Drawings and Specifications
AAV002-11 ETC-AAV002-11 Datasheet
140Kb / 3P
Spin Valve GMR Bridge Sensor
AAV002-11 ETC2-AAV002-11 Datasheet
159Kb / 12P
Package Drawings and Specifications
logo
RHOPOINT COMPONENTS
AAV003-10E RHOPOINT-AAV003-10E Datasheet
249Kb / 4P
Current Sensor
More results

Similar Description - AAVDSL

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAM-009811 MA-COM-MAAM-009811 Datasheet
268Kb / 5P
Broadband CATV Single Ended 2-Way Active Splitter
MAAM-008821 MA-COM-MAAM-008821_15 Datasheet
927Kb / 7P
Broadband CATV Single Ended 5-Way Active Splitter
MAAM-007805 MA-COM-MAAM-007805_15 Datasheet
933Kb / 6P
Broadband CATV Single Ended 2-Way Active Splitter
MAAM-009452 MA-COM-MAAM-009452_15 Datasheet
855Kb / 7P
Broadband CATV Single Ended 4-Way Active Splitter
logo
Pulse A Technitrol Comp...
T699 PULSE-T699 Datasheet
510Kb / 2P
VDSL/VDSL2 Transformer
logo
API Technologies Corp
1507R APITECH-1507R Datasheet
538Kb / 1P
Broadband Resistive Power Splitter
1534 APITECH-1534 Datasheet
519Kb / 1P
Broadband Resistive Power Splitter
1579 APITECH-1579 Datasheet
519Kb / 1P
Broadband Resistive Power Splitter
1593 APITECH-1593 Datasheet
511Kb / 1P
Broadband Resistive Power Splitter
1870A APITECH-1870A Datasheet
516Kb / 1P
Broadband Resistive Power Splitter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com