Electronic Components Datasheet Search
  English  ▼

X  

PPW Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # PPW
Description  Semi-Precision Power Wirewound Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

PPW Datasheet(HTML) 1 Page - Welwyn Components Limited

  PPW Datasheet HTML 1Page - Welwyn Components Limited PPW Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Semi-Precision Power
Wirewound Resistors
PPW Series
• Ideal for pulse and surge
applications
• 2 watts to 15 watts
• Resistance to 0R1 ohms to 5K ohms
• ±3%, ±2% or ±1% tolerance
• ±20 ppm/°C TCR
Resistive range
ohms
10 x 1000*
10 x 360*
1R to 9R9
250V
650V
10R to 29R9
500V
850V
30R to 99R
600V
1000V
100R to 1K6
1000V
1500V
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
115
PPW-2
PPW-3
PPW-5
PPW-7
PPW-10
PPW-15
Power rating at 25°C
watts
2
3
5
7
10
15
Resistance range
ohms 0R1 to 1K6 0R1 to 1K6 0R1 to 1K6 0R1 to 2K5 0R1 to 5K
0R1 to 5K
Electrical Data
Lighting Surge Capabilities for PPW-2
Issue B · 03.02
A subsidiary of
TT electronics plc
Welwyn Components
Please note: When ordering the alternate configuration please add an ‘A’ after the part number (ie. PPW-3A)
1000V
500V
1000 Volts 10x360
µsec
1000
2000
3000
600V
300V
600 Volts 10x1000
µsec
1000
2000
3000
*10 microseconds – Maximum rise time to peak voltage.
360 or 1000 microseconds - minimum decay time to one half peak.


Similar Part No. - PPW

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PPW TTELEC-PPW Datasheet
280Kb / 2P
resistance to or1 ohms to 5k ohms
PPW-10 TTELEC-PPW-10 Datasheet
280Kb / 2P
resistance to or1 ohms to 5k ohms
PPW-15 TTELEC-PPW-15 Datasheet
280Kb / 2P
resistance to or1 ohms to 5k ohms
PPW-2 TTELEC-PPW-2 Datasheet
280Kb / 2P
resistance to or1 ohms to 5k ohms
PPW-3 TTELEC-PPW-3 Datasheet
280Kb / 2P
resistance to or1 ohms to 5k ohms
More results

Similar Description - PPW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS-327R0 ETC1-AS-327R0 Datasheet
103Kb / 2P
SEMI-PRECISION POWER WIREWOUND RESISTOR
logo
Welwyn Components Limit...
AS-1 WELWYN-AS-1 Datasheet
435Kb / 3P
Semi-Precision Power Wirewound Resistor
logo
Riedon Powertron
SM-2 RIEDON-SM-2 Datasheet
359Kb / 2P
Precision Wirewound Resistors
logo
IRC - a TT electronics ...
AS-321R0JLF IRCTT-AS-321R0JLF Datasheet
182Kb / 3P
Semi-Precision Power Wirewound Resistor
T1801000F IRCTT-T1801000F Datasheet
198Kb / 4P
Commercial Styles Semi-Precision Power Wirewound Resistors
logo
Riedon Powertron
SM-2 RIEDON-SM-2_14 Datasheet
318Kb / 2P
Precision Wirewound Resistors
SM10-350RX RIEDON-SM10-350RX Datasheet
318Kb / 2P
Precision Wirewound Resistors
101-100KX RIEDON-101-100KX Datasheet
318Kb / 2P
Precision Wirewound Resistors
SM10-350RB RIEDON-SM10-350RB Datasheet
318Kb / 2P
Precision Wirewound Resistors
logo
TT Electronics.
AS3-27KFI TTELEC-AS3-27KFI Datasheet
642Kb / 3P
Semi-Precision Power Wirewound Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com