Electronic Components Datasheet Search
  English  ▼

X  

PW-2 Datasheet(PDF) 3 Page - Welwyn Components Limited

Part # PW-2
Description  General Purpose Power Wirewound Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

PW-2 Datasheet(HTML) 3 Page - Welwyn Components Limited

  PW-2 Datasheet HTML 1Page - Welwyn Components Limited PW-2 Datasheet HTML 2Page - Welwyn Components Limited PW-2 Datasheet HTML 3Page - Welwyn Components Limited PW-2 Datasheet HTML 4Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
General Purpose Power
Wirewound Resistors
PW Series
• 20 watts to 50 watts
• 0.10 ohms to 2.0K ohms
• ±10% or ±5% tolerance
• Customs
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
113
PW-20E
PW-30
PW-40
PW-50E
Power rating at 25°C
watts
20
30
40
50
Resistance range
ohms
0R1 to 2K
0R5 to 1K2
0R65 to 1K5
0R08 to 1K8
Electrical Data
Issue B · 03.02
A subsidiary of
TT electronics plc
Welwyn Components
Please note: When ordering the alternative configuration please add an ‘A’ after the part number. (i.e., PW-2A)
0.032
±0.0025
0.205 or 0.187
±0.005
0.157
±0.020
0.250 (Typ.)
0.5
±0.030
0.5
±0.030
5/32 Dia. Thru (2)
A
0.069
±0.005
0.25
±0.031
0.032
±0.0025
0.375
0.200 (Typ.)
0.135
±0.015
0.25
0.75
0.282
±0.020
0.75
±0.030
0.75
±0.030
0.875
5/32 Dia. Thru (2)
A
B
0.125
±0.015
PW-20E Wirewound
PW-30, 40 and 50E Wirewound
PW-20E Alternate Terminal Configuration
Printed Circuit Terminal
Dimensions (Inches)
A ±0.030
B ±0.060
PW-20E
1.875
2.50
PW-30
2.00
2.55
PW-40
2.45
3.00
PW-50E
3.075
3.625
2.000
±0.040
0.187
±0.010
1.410
±0.040
1.050 Min.
0.060 Dia. (2)
0.500
±0.030
0.500
±0.030
0.840
±0.040
0.250 min.
0.020
PW-15E
100
80
60
40
20
0
0
50
100
150
200
250
Ambient Temperature (
°C)
PW-20E, PW-30, PW-40
PW-50E without bracket
300
250
200
150
100
50
0
0
25
50
75
100
125
Percent of Rated Load
PW-30
PW-40
PW-50E
PW-20E
With Bracket:
PW-30 Increased to 40 watts
PW-40 Increased to 50 watts
PW-50 Increased to 60 watts
Power Derating
Temperature Rise



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com