Electronic Components Datasheet Search
  English  ▼

X  

PWRL Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # PWRL
Description  Low Resistance Stand-up Power Wirewound Resistor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

PWRL Datasheet(HTML) 1 Page - Welwyn Components Limited

  PWRL Datasheet HTML 1Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Low Resistance Stand-up
Power Wirewound Resistor
PWRL Series
• 3, 5, 7 and 10 watts
• 0R01 ohm to 0R18 ohm range
• Radial leads for PC mount
• TC’s from 50 ppm/°C to +500 ppm/°C
(range dependent)
• Flameproof inorganic construction
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
110
PWRL
Power rating
watts
3, 5, 7 and 10
Resistance range
ohms
0R01 to 0R18
Tolerance
%
±1, ±2, ±3, ±5 and ±10
Electrical Data
Issue B · 03.02
A subsidiary of
TT electronics plc
Welwyn Components
Dimensions (mm)
Type
A
B
C
D
E
LD
PWRL-3
12.0±0.8
8.1±0.8
25.4±0.8
5.08±1.6
4.44±1.6
1.02±0.05
PWRL-5
12.7±0.8
8.8±0.8
25.4±0.8
5.08±1.6
4.44±1.6
1.02±0.05
PWRL-7
12.7±0.8
8.8±0.8
38.1±0.81
5.08±1.6
4.44±1.6
1.02±0.05
PWRL-10
16.0±0.81
13.2±0.81
35.3±0.81
7.4±1.6
6.4±1.6
1.02±0.05
Physical Data
A
LD
D
B
C
E
2.032
±0.813
4.318
±1.575
Power Derating Curve
Hot Spot Temperature Rise at 25°C
PWRL series NEW
2/6/03
4:04 pm
Page 1


Similar Part No. - PWRL

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PWRL TTELEC-PWRL Datasheet
468Kb / 2P
Radial leads for PC mount
PWRL-10 TTELEC-PWRL-10 Datasheet
468Kb / 2P
Radial leads for PC mount
PWRL-3 TTELEC-PWRL-3 Datasheet
468Kb / 2P
Radial leads for PC mount
PWRL-5 TTELEC-PWRL-5 Datasheet
468Kb / 2P
Radial leads for PC mount
PWRL-7 TTELEC-PWRL-7 Datasheet
468Kb / 2P
Radial leads for PC mount
More results

Similar Description - PWRL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS-327R0 ETC1-AS-327R0 Datasheet
103Kb / 2P
SEMI-PRECISION POWER WIREWOUND RESISTOR
logo
Welwyn Components Limit...
AS-1 WELWYN-AS-1 Datasheet
435Kb / 3P
Semi-Precision Power Wirewound Resistor
logo
IRC - a TT electronics ...
AL-1010RDJLF IRCTT-AL-1010RDJLF Datasheet
252Kb / 2P
Chassis Mounted Power Wirewound Resistor
AS-321R0JLF IRCTT-AS-321R0JLF Datasheet
182Kb / 3P
Semi-Precision Power Wirewound Resistor
LAS-32001JLF IRCTT-LAS-32001JLF Datasheet
218Kb / 3P
Low Cost Semi-Precision Power Wirewound Resistor
PWR101202JLF IRCTT-PWR101202JLF Datasheet
141Kb / 2P
General Purpose Stand-Up Power Wirewound Resistor
logo
Bourns Electronic Solut...
W3M22R0J BOURNS-W3M22R0J Datasheet
422Kb / 3P
Wirewound Power Resistor
logo
TT Electronics.
AS3-27KFI TTELEC-AS3-27KFI Datasheet
642Kb / 3P
Semi-Precision Power Wirewound Resistor
WPRT TTELEC-WPRT Datasheet
718Kb / 4P
Wirewound Power Radial Terminal Resistor
logo
Vishay Siliconix
C38T VISHAY-C38T Datasheet
626Kb / 5P
Reinforced Winding Wirewound Power Resistor
01-Aug-2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com