Electronic Components Datasheet Search
  English  ▼

X  

RC65P Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # RC65P
Description  Precision Metal Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

RC65P Datasheet(HTML) 1 Page - Welwyn Components Limited

  RC65P Datasheet HTML 1Page - Welwyn Components Limited RC65P Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Precision Metal
Film Resistors
RCP series
• Precision resistors with
uprated power
• Low TCRs over a wide resistance range
• Tolerance down to 0.05%
• Low noise and negligible voltage coefficient
• Express delivery available
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
176
RC55P
RC65P
RC70P
Notes
Power rating at 70°C
watts
0.5
1.0
1.5
Resistance range
ohms
1R to 4M
1R to 4M
1R to 10M
Limiting element voltage
volts
350
500
500
Isolation voltage
volts
500
500
700
TCR (20 to +70°C) & codes
ppm/°C
5(V), 10(T), 15(Y), 25(D), 50(C), & 100(Z)
See resistance
Resistance tolerance (code)
%
0.05(W), 0.1(B), 0.25(C), 0.5(D), & 1(F)
restrictions
Standard values
E24, E96 preferred
Any value to order
Thermal impedance
°C/watt
110
70
60
Ambient temperature range
°C
-55 to +155
Electrical Data
Issue B · 03.02
A subsidiary of
TT electronics plc
Welwyn Components
Construction
Ceramic rods are coated with a metal film and plated steel
caps are force fitted. A helical cut is used to adjust the film to
its final value.
Termination wires are welded to the caps and the resistor is
protected with a specially formulated epoxy coating.
Terminations
Material
Solder-coated copper wire.
Strength
The terminations meet the requirements of
IEC 68.2.21
Solderability
The terminations meet the requirements of
IEC 115-1, Clause 4.17.3.2
Dimensions (mm) and Weight (g)
PCB
Min
mounting
Bend
Wt.
Type
L Max
D Max
f min
d nom.
centres
Radius
nom.
RC55P
7.2
2.5
30
0.6
10.2
0.6
0.24
RC65P
10.0
3.7
30
0.6
12.7
0.6
0.40
RC70P
15.5
5.5
30
0.8
18.4
1.2
1.15
Physical Data
L
D
f
d
Marking
Type reference, TCR code, resistance value and tolerance
code. The resistance value marking conforms to IEC 62.
Solvent Resistance
The body protection and marking are resistant to all normal
industrial cleaning fluids suitable for printed circuits.


Similar Part No. - RC65P

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
RC65P TTELEC-RC65P Datasheet
358Kb / 3P
Low TCRs over a wide resistance range
More results

Similar Description - RC65P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC55 ETC-RC55 Datasheet
145Kb / 3P
Precision Metal Film Resistors
logo
Welwyn Components Limit...
RC55 WELWYN-RC55 Datasheet
351Kb / 3P
Precision Metal Film Resistors
logo
Riedon Powertron
MF2000 RIEDON-MF2000 Datasheet
301Kb / 2P
Precision / Metal Film Resistors
logo
RCD COMPONENTS INC.
MF55-R100-FB25 RCD-MF55-R100-FB25 Datasheet
43Kb / 1P
PRECISION METAL FILM RESISTORS
logo
IRC - a TT electronics ...
GP551001001F IRCTT-GP551001001F Datasheet
69Kb / 2P
PRECISION METAL FILM RESISTORS
GP551001001FBLK IRCTT-GP551001001FBLK Datasheet
297Kb / 4P
Precision Metal Film Resistors
logo
Riedon Powertron
MF2000 RIEDON-MF2000_13 Datasheet
172Kb / 1P
Precision / Metal Film Resistors
MFP1 RIEDON-MFP1 Datasheet
167Kb / 2P
Precision Metal Film Resistors
MFP55-20RB1 RIEDON-MFP55-20RB1 Datasheet
167Kb / 2P
Precision Metal Film Resistors
logo
TT Electronics.
RC55 TTELEC-RC55 Datasheet
446Kb / 4P
Precision Metal Film Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com