Electronic Components Datasheet Search
  English  ▼

X  

P0603 Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # P0603
Description  Platinum Temperature Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

P0603 Datasheet(HTML) 2 Page - Welwyn Components Limited

  P0603 Datasheet HTML 1Page - Welwyn Components Limited P0603 Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CHC Series Issue June 2006
Welwyn Components
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 • Facsimile: +44 (0) 1670 829465 • Email: info@welwyn-tt.com • Website: www.welwyn-tt.com
Platinum Temperature Sensor
Ordering Data
Physical Data
For additional information or to discuss your specific requirements,
please contact our Applications Team using the contact details below.
P1206
- 43
-
100R
-
D
Model
Temperature Coefficient
42 = +3850 ppm/°C ±100 ppm/°C
43 = +3850 ppm/°C ± 50 ppm/°C
Value (use IEC62 code)
Tolerance (use IEC62 code)
D= ±0.5%
F= ±1.0%
G=±2.0%
J=±5.0%
Finish
Blank = Pb Free
PB = SnPb
L
a
W
H
b
TOP
SIDE
BOTTOM
L
W
H
a
b
P0603
1.60 ± 0.1
0.79 ± 0.1
0.51 ± 0.1
0.20 ± 0.1
0.20 ± 0.1
P0805
2.06 ± 0.13
1.27 ± 0.13
0.51 ± 0.15
0.41 ± 0.2
0.41 ± 0.2
P1206
3.20 ± 0.13
1.60 ± 0.13
0.61 ± 0.1
0.41 ± 0.2
0.41 ± 0.2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com