Electronic Components Datasheet Search
  English  ▼

X  

SC3-33RG Datasheet(PDF) 1 Page - Welwyn Components Limited

Part # SC3-33RG
Description  High Power Chip Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

SC3-33RG Datasheet(HTML) 1 Page - Welwyn Components Limited

  SC3-33RG Datasheet HTML 1Page - Welwyn Components Limited SC3-33RG Datasheet HTML 2Page - Welwyn Components Limited SC3-33RG Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
e
u
l
a
V
c
i
t
s
i
r
e
t
c
a
r
a
h
C
Power dissipation @70˚ C
3 Watts
0
0
2
o
t
0
.
1
e
g
n
a
R
e
c
n
a
t
s
i
s
e
R
V
0
5
V
E
L
Ambient temp range
-55 to +150˚C
%
5
,
2
,
1
e
c
n
a
r
e
l
o
t
e
c
n
a
t
s
i
s
e
R
TCR
±100ppm/˚C
Termination
Leach-resistant solder-plated
copper wrap-around
Pad & trace area for maximum
power rating
300mm2
High Power
Chip Resistors
SC3 Series
• 3 Watts in a 1 Watt size package*
• Resistance range from 1 to 200
• Tolerances to ±1%
* Rated Power @ 70˚C
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Power Derating Curve
Issue A · 03.02
A subsidiary of
TT electronics plc
Welwyn Components
84
0.51 ± 0.13mm
6.35 ± 0.13mm
3.18 ± 0.13mm
0.762
± 0.127mm
thickness
Plating
wrap-around
0.61 ± 0.13mm
2.29
± 0.13mm
7.6mm
2mm
1mm
Physical Data
100
80
60
40
20
0
25˚
70˚
150˚
Temperature in ˚C
Top
Bottom
(Board Side)
Recommended
Solder Pad Layout
Issue B · 01.07


Similar Part No. - SC3-33RG

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
SC3-33RGI TTELEC-SC3-33RGI Datasheet
1Mb / 3P
High Power Chip Resistors
More results

Similar Description - SC3-33RG

ManufacturerPart #DatasheetDescription
logo
Rohm
LTR10 ROHM-LTR10_10 Datasheet
140Kb / 4P
High Power Chip Resistors
LTR18 ROHM-LTR18_10 Datasheet
119Kb / 3P
High Power Chip Resistors
LTR50 ROHM-LTR50_10 Datasheet
141Kb / 4P
High Power Chip Resistors
logo
Bourns Electronic Solut...
CRM2512 BOURNS-CRM2512 Datasheet
385Kb / 2P
High power chip resistors
CRM2010 BOURNS-CRM2010 Datasheet
228Kb / 2P
High power chip resistors
CRM1206 BOURNS-CRM1206 Datasheet
204Kb / 2P
High power chip resistors
CRM0805 BOURNS-CRM0805 Datasheet
168Kb / 2P
High power chip resistors
logo
TT Electronics.
SCW-SC3LF-2R70 TTELEC-SCW-SC3LF-2R70 Datasheet
986Kb / 3P
High Power Chip Resistors
SCW-SC3LF-100R TTELEC-SCW-SC3LF-100R Datasheet
986Kb / 3P
High Power Chip Resistors
SC3 TTELEC-SC3_17 Datasheet
1Mb / 3P
High Power Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com