Electronic Components Datasheet Search
  English  ▼

X  

MMBT4403 Datasheet(PDF) 2 Page - Vaishali Semiconductor

Part # MMBT4403
Description  Small Signal Transistor (PNP)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

MMBT4403 Datasheet(HTML) 2 Page - Vaishali Semiconductor

  MMBT4403 Datasheet HTML 1Page - Vaishali Semiconductor MMBT4403 Datasheet HTML 2Page - Vaishali Semiconductor MMBT4403 Datasheet HTML 3Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MMBT4403
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88227
2
10-May-02
Electrical Characteristics (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
–VCE = 1V, –IC = 0.1mA
30
——
–VCE = 1V, –IC = 1mA
60
——
DC Current Gain
hFE
–VCE = 1V, –IC = 10mA
100
———
–VCE = 2V, –IC = 150mA
(1)
100
—
300
–VCE = 2V, –IC = 500mA
(1)
20
——
Collector-Base Breakdown Voltage
–V(BR)CBO
–IC = 0.1mA, IE = 0
40
——
V
Collector-Emitter Breakdown Voltage(1)
–V(BR)CEO
–IC = 1mA, IB = 0
40
——
V
Emitter-Base Breakdown Voltage
–V(BR)EBO
–IE = 0.1mA, IC = 0
5.0
——
V
Collector-Emitter Saturation Voltage(1)
–VCEsat
–IC = 150mA, –IB = 15mA
——
0.40
V
–IC = 500mA, –IB = 50mA
——
0.75
Base-Emitter Saturation Voltage(1)
–VBEsat
–IC = 150mA, –IB = 15mA
0.75
—
0.95
V
–IC = 500mA, –IB = 50mA
——
1.30
Collector-Emitter Cut-off Current
–ICEV
–VEB = 0.4V, –VCE = 35V
——
100
nA
Emitter-Base Cut-off Current
–IBEV
–VEB = 0.4V, –VCE = 35V
——
100
nA
Current Gain-Bandwidth Product
fT
–VCE = 10V, –IC = 20mA
200
——
MHz
f = 100MHz
Collector-Base Capacitance
CCBO
–VCB = 10V, IE = 0, f = 1MHz
——
8.5
pF
Emitter-Base Capacitance
CEBO
–VEB = 0.5V, IC = 0, f = 1MHz
——
30
pF
Input Impedance
hie
–VCE = 10V, –IC = 1mA,
1.5
—
15
k
Ω
f = 1kHz
Small Signal Current Gain
hfe
–VCE = 10V, –IC = 1mA,
60
—
500
—
f = 1kHz
Voltage Feedback Ratio
hre
–VCE = 10V, –IC = 1mA,
0.1 • 10-4
—
8 • 10-4
—
f = 1kHz
Output Admittance
hoe
–VCE = 10V, –IC = 1mA,
1.0
—
100
µS
f = 1kHz
Notes: (1) Pulse test: pulse width
≤ 300 µs duty cycle ≤ 2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com