Electronic Components Datasheet Search
  English  ▼

X  

SOT143 Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # SOT143
Description  4-PIN SMT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

SOT143 Datasheet(HTML) 2 Page - Welwyn Components Limited

  SOT143 Datasheet HTML 1Page - Welwyn Components Limited SOT143 Datasheet HTML 2Page - Welwyn Components Limited SOT143 Datasheet HTML 3Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SOT143 Series Issue June 2006
Welwyn Components
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 • Facsimile: +44 (0) 1670 829465 • Email: info@welwyn-tt.com • Website: www.welwyn-tt.com
SOT143
4-PIN SMT Package
Schematic / Circuit Detail
Schematics
1
2
3
4
R1
Schematic D (bussed)
R2
R3
R2
1
2
4
3
Schematic C (isolated)
R3
1
2
4
3
Schematic B (series)
R2
R3
R1
1
2
4
3
Schematic A (series)
R2
R3
R1
Circuit Details for Schematic A
Schematic/Circuit Code
R1 (W)
R2 (W) R3 (W)
A001
500.0
50.0K
50.0K
A002
10.0K
10.0K
10.0K
A003
900.0
100.0
9.0K
A004
500.0
48.0K
48.0K
A005
200.0
40.0K
40.0K
Circuit Details for Schematic C
Schematic/Circuit Code
R1 (W)
R2 (W) R3 (W)
C001
N/A
10.0K
10.0K
C002
N/A
1.0K
1.0K
C003
N/A
9.0K
1.0K
C004
N/A
750.0
750.0
C005
N/A
40.0K
40.0K
C006
N/A
33.0K
330.0
C007
N/A
2.0K
2.0K
C008
N/A
10.0K
2.0K
C009
N/A
10.0K
200.0
C010
N/A
2.1K
10.0K
Circuit Details for Schematic B
Schematic/Circuit Code
R1 (W)
R2 (W) R3 (W)
B001
10.0K
10.0K
10.0K
B002
900.0
100.0
9.0K
B003
1.0K
10.0K
10.0K
Circuit Details for Schematic D
Schematic/Circuit Code
R1 (W)
R2 (W) R3 (W)
D001
121.0
1.33K
1.0K
D002
2.0K
1.0K
2.0K
D003
50.0K
5.0K
5.0K
D004
5.4K
5.4K
27.5K
D005
40.0K
40.0K
40.0K
D006
10.0K
10.0K
20.0K
D007
20.0K
20.0K
20.0K



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com