Electronic Components Datasheet Search
  English  ▼

X  

SP20 Datasheet(PDF) 2 Page - Welwyn Components Limited

Part # SP20
Description  General-Purpose Failsafe Moulded Wirewound Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

SP20 Datasheet(HTML) 2 Page - Welwyn Components Limited

  SP20 Datasheet HTML 1Page - Welwyn Components Limited SP20 Datasheet HTML 2Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Performance Data
Test
SP20
SP20F
Temperature coefficient (ppm)
ppm/°C
<1R ±800
<1R ±800*
≥1R ±150
≥1R ±150
Dielectric withstanding voltage
RMS
700V
Momentary overload
%
5
Low temperature operation
%
5
Temperature cycle
%
5
Humidity
%
5
Load life
%
5
Terminal strength
%
5
Resistance to solder heat
%
5
General-Purpose Failsafe
Moulded Wirewound Resistors
SP20/SP20F Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
96
Issue B · 03.02
Welwyn Components
Ambient Temperature (
°C)
2.5
2.0
1.5
1.0
0.5
0
0
50
100
150
200
Ambient Temperature (
°C)
SP20 Power Derating
SP20F Power Derating
Time (seconds)
0.1 ohm
1 ohm
10 ohm
100 ohm
1000 ohm
Power Input (watts)
SP20F Typical Fusing
SP20 and SP20F Temperature Rise
Packaging
Resistors are supplied tape and reel. 4,000 pcs per reel.
*0.1 ohm SP20F <1000 ppm.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com